전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC8820IBDB 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC8820IBDB
상세설명  16-Bit, Parallel Input Multiplying Digital-to-Analog Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

DAC8820IBDB 데이터시트(HTML) 4 Page - Texas Instruments

  DAC8820IBDB Datasheet HTML 1Page - Texas Instruments DAC8820IBDB Datasheet HTML 2Page - Texas Instruments DAC8820IBDB Datasheet HTML 3Page - Texas Instruments DAC8820IBDB Datasheet HTML 4Page - Texas Instruments DAC8820IBDB Datasheet HTML 5Page - Texas Instruments DAC8820IBDB Datasheet HTML 6Page - Texas Instruments DAC8820IBDB Datasheet HTML 7Page - Texas Instruments DAC8820IBDB Datasheet HTML 8Page - Texas Instruments DAC8820IBDB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
www.ti.com
PIN ASSIGNMENTS
REF
R
COM
R1
R
OFS
R
FB
I
OUT
AGND
LDAC
WR
D15
D14
D13
D12
D11
RST
D0
D1
D2
D3
V
DD
DGND
D4
D5
D6
D7
D8
D9
D10
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DAC8820
DAC8820
SBAS358C – AUGUST 2005 – REVISED JUNE 2006
ELECTRICAL CHARACTERISTICS (continued)
All specifications at –40
°C to +85°C, V
DD = +2.7 V to +5.5 V, IOUT = virtual GND, GND = 0 V, VREF = 10 V, and TA = full
operating temperature, unless otherwise noted.
DAC8820
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POWER REQUIREMENTS
VDD
2.7
5.5
V
IDD (normal operation)
Logic inputs = 0 V
5
µA
VDD = +4.5 V to +5.5 V
VIH = VDD and VIL = GND
3
5
µA
VDD = +2.7 V to +3.6 V
VIH = VDD and VIL = GND
1
2.5
µA
AC CHARACTERISTICS(2)
Output current settling time
0.5
µs
Reference multiplying BW
VREF = 5 VPP, Data = FFFFh
8
MHz
VREF = 0 V to 10 V,
DAC glitch impulse
2
nV–s
Data = 7FFFh to 8000h to 7FFFh
Feedthrough error VOUT/VREF
Data = 0000h, VREF = 10 kHz, ±10VPP
–70
dB
LDAC = Logic low, VREF = –10 V to + 10 V
Digital feedthrough
1
nV–s
Any code change
Total harmonic distortion
VREF = 6VRMS, Data = FFFFh, f = 1kHz
–105
dB
Output spot noise voltage
10
nV/
√Hz
(2)
Specified by design and characterization; not production tested.
PIN #
NAME
DESCRIPTION
Center tap of two 4-quadrant resistors
2
RCOM
(R1 and R2).
3
R1
4-quadrant resistor (R1).
4
ROFS
Bipolar offset resistor
5
RFB
Internal matching feedback resistor
6
IOUT
DAC current output
7
AGND
Analog ground
Digital input load DAC control. When LDAC
8
LDAC
is high, data is loaded from input register into
a DAC register, updating the DAC output.
Write control digital input. Active low. When
WR is taken to logic low, data is loaded from
9
WR
the digital input pins (D0–D15) into a16-bit
input register.
10–2
D15–D4
Digital input data bits. D15 is MSB.
1
22
DGND
Digital ground
23
VDD
Positive power supply
24–2
D3–D0
Digital Input data bits. D0 is LSB.
7
Reset. Active low. When RST is taken to
logic low, the DAC output and all internal
28
RST
registers are set to zero code for the
DAC8820.
TERMINAL FUNCTIONS
PIN #
NAME
DESCRIPTION
Reference input and 4-quadrant Resistor
1
REF
(R2).
4
Submit Documentation Feedback


유사한 부품 번호 - DAC8820IBDB

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
DAC8822 BURR-BROWN-DAC8822 Datasheet
495Kb / 21P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822 BURR-BROWN-DAC8822 Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822QB BURR-BROWN-DAC8822QB Datasheet
495Kb / 21P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822QBDBT BURR-BROWN-DAC8822QBDBT Datasheet
495Kb / 21P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822QBDBT BURR-BROWN-DAC8822QBDBT Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
More results

유사한 설명 - DAC8820IBDB

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
DAC8822 BURR-BROWN-DAC8822_07 Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822 BURR-BROWN-DAC8822 Datasheet
495Kb / 21P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC7821 TI-DAC7821 Datasheet
1Mb / 18P
[Old version datasheet]   12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7822 BURR-BROWN-DAC7822 Datasheet
610Kb / 18P
   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8805 TI1-DAC8805_14 Datasheet
797Kb / 25P
[Old version datasheet]   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8805 BURR-BROWN-DAC8805 Datasheet
526Kb / 25P
   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com