전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC8806IDBR 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC8806IDBR
상세설명  14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

DAC8806IDBR 데이터시트(HTML) 4 Page - Texas Instruments

  DAC8806IDBR Datasheet HTML 1Page - Texas Instruments DAC8806IDBR Datasheet HTML 2Page - Texas Instruments DAC8806IDBR Datasheet HTML 3Page - Texas Instruments DAC8806IDBR Datasheet HTML 4Page - Texas Instruments DAC8806IDBR Datasheet HTML 5Page - Texas Instruments DAC8806IDBR Datasheet HTML 6Page - Texas Instruments DAC8806IDBR Datasheet HTML 7Page - Texas Instruments DAC8806IDBR Datasheet HTML 8Page - Texas Instruments DAC8806IDBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.ti.com
PIN ASSIGNMENTS
REF
R
COM
R1
R
OFS
R
FB
I
OUT
AGND
LDAC
WR
D13
D12
D11
D10
D9
RST
NC
NC
D0
D1
V
DD
DGND
D2
D3
D4
D5
D6
D7
D8
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DAC8806
DAC8806
SBAS385A – APRIL 2006 – REVISED JUNE 2006
ELECTRICAL CHARACTERISTICS (continued)
All specifications at –40
°C to +85°C, V
DD = +2.7V to +5.5V, IOUT = virtual GND, GND = 0V, VREF = 10V, and TA = full
operating temperature, unless otherwise noted.
DAC8806
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POWER REQUIREMENTS
VDD
2.7
5.5
V
IDD (normal operation)
Logic inputs = 0V
5
µA
VDD = +4.5V to +5.5V
VIH = VDD and VIL = GND
3
5
µA
VDD = +2.7V to +3.6V
VIH = VDD and VIL = GND
1
2.5
µA
AC CHARACTERISTICS(2)
Output current settling time
0.5
µs
Reference multiplying BW
VREF = 5VPP, Data = 3FFFh
8
MHz
VREF = 0V to 10V,
DAC glitch impulse
2
nV–s
Data = 1FFFh to 2000h to 1FFFh
Feedthrough error VOUT/VREF
Data = 0000h, VREF = 10kHz; ±10VPP
–70
dB
LDAC = logic low, VREF = –10V to +10V
Digital feedthrough
2
nV–s
Any code change
Total harmonic distortion
VREF = 6VRMS, Data = 3FFF, f = 1kHz
–105
dB
Output spot noise voltage
10
nV/
√Hz
(2)
Specified by design and characterization; not production tested.
TERMINAL FUNCTIONS
PIN #
NAME
DESCRIPTION
1
REF
Reference input and 4-quadrant Resistor (R2).
Center tap of two 4-quadrant resistors
2
RCOM
(R1 and R2).
3
R1
4-quadrant resistor (R1).
4
ROFS
Bipolar offset resistor
5
RFB
Internal matching feedback resistor
6
IOUT
DAC current output
7
AGND
Analog ground
Digital input load DAC control. When LDAC is high,
8
LDAC
data is loaded from input register into a DAC
register, updating the DAC output.
Write control digital input. Active low. When WR is
9
WR
taken to logic low, data is loaded from the digital
input pins (D0–D13) into a14-bit input register.
10–21
D13–D2
Digital input data bits. D13 is MSB.
22
DGND
Digital ground
23
VDD
Positive power supply
24, 25
D1, D0
Digital Input data bits. D0 is LSB.
26, 27
NC
No connection
Reset. Active low. When RST is taken to logic low,
28
RST
the DAC output and all internal registers are set to
zero code for the DAC8806.
4
Submit Documentation Feedback


유사한 부품 번호 - DAC8806IDBR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC8806IDBR TI-DAC8806IDBR Datasheet
1Mb / 22P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
REVISED FEBRUARY 2008
More results

유사한 설명 - DAC8806IDBR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC8805 TI1-DAC8805_14 Datasheet
797Kb / 25P
[Old version datasheet]   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8805 BURR-BROWN-DAC8805 Datasheet
526Kb / 25P
   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8806 TI-DAC8806_15 Datasheet
1Mb / 22P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
REVISED FEBRUARY 2008
DAC8801 TI1-DAC8801_16 Datasheet
991Kb / 22P
[Old version datasheet]   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC7821 TI-DAC7821 Datasheet
1Mb / 18P
[Old version datasheet]   12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8820 TI-DAC8820 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit, Parallel Input Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7822 BURR-BROWN-DAC7822 Datasheet
610Kb / 18P
   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822 BURR-BROWN-DAC8822_07 Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com