전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML145557-5P 데이터시트(PDF) 6 Page - LANSDALE Semiconductor Inc.

부품명 ML145557-5P
상세설명  PCM Codec-Filter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LANSDALE [LANSDALE Semiconductor Inc.]
홈페이지  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145557-5P 데이터시트(HTML) 6 Page - LANSDALE Semiconductor Inc.

Back Button ML145557-5P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145557-5P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145557-5P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145557-5P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145557-5P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145557-5P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145557-5P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145557-5P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML145557-5P Datasheet HTML 10Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ML145554, ML145557, ML145564, ML145567
LANSDALE Semiconductor, Inc.
MAXIMUM RATINGS (Voltage Referenced to GNDA)
Rating
Symbol
Value
Unit
DC Supply Voltage
VCC to VBB
VCC to GNDA
VBB to GNDA
– 0.5 to + 13
– 0.3 to + 7.0
– 7.0 to + 0.3
V
Voltage on Any Analog Input or Output Pin
VBB – 0.3 to
VCC + 0.3
V
Voltage on Any Digital Input or Output Pin
GNDA – 0.3 to
VCC + 0.3
V
Operating Temperature Range
TA
– 40 to + 85
°C
Storage Temperature Range
Tstg
– 85 to + 150
°C
POWER SUPPLY (TA = – 40 to + 85°C)
Characteristic
Min
Typ
Max
Unit
DC Supply Voltage
VCC
VBB
4.75
– 4.75
5.0
– 5.0
5.25
– 5.25
V
Active Power Dissipation (No Load)
ML145554/57
ML145564/67
ML145564/67, VPI = V BB
40
45
40
60
70
60
mW
Power–Down Dissipation (No Load)
ML145554/57
ML145564/67
ML145564/67, VPI = V BB
1.0
2.0
1.0
3.0
5.0
3.0
mW
DIGITAL LEVELS (VCC = 5 V ± 5%, VBB = – 5 V ± 5%, GNDA = 0 V, TA = – 40 to + 85°C)
Characteristic
Symbol
Min
Max
Unit
Input Low Voltage
VIL
0.6
V
Input High Voltage
VIH
2.2
V
Output Low Voltage
DX or TSX, IOL = 3.2 mA
VOL
0.4
V
Output High Voltage
DX, IOH = – 3.2 mA
IOH = – 1.6 mA
VOH
2.4
VCC – 0.5
V
Input Low Current
GNDA
≤ Vin ≤ VCC
IIL
– 10
+ 10
µA
Input High Current
GNDA
≤ Vin ≤ VCC
IIH
– 10
+ 10
µA
Output Current in High Impedance State
GNDA
≤ DX ≤ VCC
IOZ
– 10
+ 10
µA
This device contains circuitry to protect
against damage due to high static voltages or
electric fields; however, it is advised that
normal precautions be taken to avoid appli-
cation of any voltage higher than maximum
rated voltages to this high impedance circuit.
For proper operation it is recommended that
Vin and Vout be constrained to the range VSS
(Vin or Vout) VDD.
Unused inputs must always be tied to an
appropriate logic voltage level (e.g., VBB,
GNDA, or VCC).
www.lansdale.com
Page 6 of 18
Issue A


유사한 부품 번호 - ML145557-5P

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
ML145557-5P LANSDALE-ML145557-5P Datasheet
284Kb / 18P
   PCM Codec-Filter
More results

유사한 설명 - ML145557-5P

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
logo
Motorola, Inc
MC145484 MOTOROLA-MC145484 Datasheet
293Kb / 26P
   5V PCM CODEC-FILTER
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
logo
National Semiconductor ...
TP3094 NSC-TP3094 Datasheet
186Kb / 19P
   Quad PCM Codec/Filter
logo
NXP Semiconductors
MC145484 NXP-MC145484 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
logo
Motorola, Inc
MC145481 MOTOROLA-MC145481 Datasheet
319Kb / 23P
   3V PCM CODEC-FILTER
logo
LANSDALE Semiconductor ...
ML145506 LANSDALE-ML145506_08 Datasheet
2Mb / 20P
   PCM Codec-Filter Mono-Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com