전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AUC2G53DCURG4 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AUC2G53DCURG4
상세설명  SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC2G53DCURG4 데이터시트(HTML) 6 Page - Texas Instruments

Back Button SN74AUC2G53DCURG4 Datasheet HTML 2Page - Texas Instruments SN74AUC2G53DCURG4 Datasheet HTML 3Page - Texas Instruments SN74AUC2G53DCURG4 Datasheet HTML 4Page - Texas Instruments SN74AUC2G53DCURG4 Datasheet HTML 5Page - Texas Instruments SN74AUC2G53DCURG4 Datasheet HTML 6Page - Texas Instruments SN74AUC2G53DCURG4 Datasheet HTML 7Page - Texas Instruments SN74AUC2G53DCURG4 Datasheet HTML 8Page - Texas Instruments SN74AUC2G53DCURG4 Datasheet HTML 9Page - Texas Instruments SN74AUC2G53DCURG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.ti.com
Operating Characteristics
SN74AUC2G53
SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR
2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SCES484B – AUGUST 2003 – REVISED JANUARY 2007
for A input, T
A = 25°C
VCC = 0.8 V
VCC = 1.2 V
VCC = 1.5 V
VCC = 1.8 V
VCC = 2.5 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
TYP
TYP
Outputs
5.5
5.5
5.5
5.5
5.5
Power
enabled
Cpd dissipation
f = 10 MHz
pF
Outputs
capacitance
0.5
0.5
0.5
0.5
0.5
disabled
6
Submit Documentation Feedback


유사한 부품 번호 - SN74AUC2G53DCURG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUC2G53DCURG4 TI-SN74AUC2G53DCURG4 Datasheet
592Kb / 20P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
More results

유사한 설명 - SN74AUC2G53DCURG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUC2G53 TI-SN74AUC2G53_09 Datasheet
592Kb / 20P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74AUC2G53 TI-SN74AUC2G53_15 Datasheet
873Kb / 22P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74AUC2G53 TI-SN74AUC2G53 Datasheet
335Kb / 18P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74LVC2G53 TI1-SN74LVC2G53_18 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
SN74LVC2G53 TI-SN74LVC2G53_15 Datasheet
896Kb / 22P
[Old version datasheet]   SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
SN74LVC2G53 TI1-SN74LVC2G53_14 Datasheet
937Kb / 23P
[Old version datasheet]   SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
SN74LVC2G53 TI-SN74LVC2G53 Datasheet
412Kb / 18P
[Old version datasheet]   SINGLE POLE DOUBLE THROW ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXR/DEMULTIPLEXER
SN74LVC1G3157DSFR TI1-SN74LVC1G3157DSFR Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1_14 Datasheet
902Kb / 21P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157 TI1-SN74LVC1G3157_18 Datasheet
2Mb / 42P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com