전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STB12NM60N-1 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 STB12NM60N-1
상세설명  N-channel 600V - 0.35廓 - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh??Power MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB12NM60N-1 데이터시트(HTML) 2 Page - STMicroelectronics

  STB12NM60N-1 Datasheet HTML 1Page - STMicroelectronics STB12NM60N-1 Datasheet HTML 2Page - STMicroelectronics STB12NM60N-1 Datasheet HTML 3Page - STMicroelectronics STB12NM60N-1 Datasheet HTML 4Page - STMicroelectronics STB12NM60N-1 Datasheet HTML 5Page - STMicroelectronics STB12NM60N-1 Datasheet HTML 6Page - STMicroelectronics STB12NM60N-1 Datasheet HTML 7Page - STMicroelectronics STB12NM60N-1 Datasheet HTML 8Page - STMicroelectronics STB12NM60N-1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Contents
STB12NM60N/-1 - STF12NM60N - STP12NM60N - STW12NM60N
2/18
Contents
1
Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1
Electrical characteristics (curves)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
3
Test circuit
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
4
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
5
Packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
6
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17


유사한 부품 번호 - STB12NM60N-1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STB12NM50 STMICROELECTRONICS-STB12NM50 Datasheet
649Kb / 14P
   N-CHANNEL500V-0.32ohm-12ATO-220/FP/D2PAK/I2PAK/TO-247 FDmesh??Power MOSFET with FAST DIODE
STB12NM50 STMICROELECTRONICS-STB12NM50 Datasheet
115Kb / 14P
   N-CHANNEL 500V - 0.3W - 12A TO-220/TO-220FP/I PAK MDmesh]Power MOSFET
March 2005 Rev. 2
STB12NM50 STMICROELECTRONICS-STB12NM50 Datasheet
544Kb / 17P
   N-channel 550V @ tjmax - 0.30廓 - 12A TO-220/FP/D2/I2PAK MDmesh??Power MOSFET
logo
VBsemi Electronics Co.,...
STB12NM50 VBSEMI-STB12NM50 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
logo
STMicroelectronics
STB12NM50-1 STMICROELECTRONICS-STB12NM50-1 Datasheet
115Kb / 14P
   N-CHANNEL 500V - 0.3W - 12A TO-220/TO-220FP/I PAK MDmesh]Power MOSFET
March 2005 Rev. 2
More results

유사한 설명 - STB12NM60N-1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STB15NM60N STMICROELECTRONICS-STB15NM60N Datasheet
607Kb / 18P
   N-channel 600V - 0.270廓 - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh??Power MOSFET
STF15NM65N STMICROELECTRONICS-STF15NM65N Datasheet
499Kb / 18P
   N-channel 650V - 0.25廓 - 15.5A - TO-220/FP - D2/I2PAK - TO-247 Second generation MDmesh??Power MOSFET
STP21NM50N STMICROELECTRONICS-STP21NM50N_07 Datasheet
463Kb / 18P
   N-channel 500V - 0.15廓 - 18A TO-220/FP/D2/I2PAK/TO-247 Second generation MDmesh??Power MOSFET
STB21NM50N STMICROELECTRONICS-STB21NM50N Datasheet
633Kb / 16P
   N-CHANNEL 500V - 0.15ohm - 18A TO-220/FP/D2/I2PAK/TO-247 SECOND GENERATION MDmesh MOSFET
STP21NM60N STMICROELECTRONICS-STP21NM60N Datasheet
672Kb / 16P
   N-CHANNEL 600V - 0.19 Ohm - 17 A TO-220/FP/D2/I2PAK/TO-247 SECOND GENERATION MDmesh MOSFET
STB20NM60-1 STMICROELECTRONICS-STB20NM60-1 Datasheet
440Kb / 18P
   N-channel 600V - 0.25廓 - 20A - TO-247 - TO-220/FP - D2/I2PAK MDmesh??Power MOSFET
STF19NM65N STMICROELECTRONICS-STF19NM65N Datasheet
532Kb / 19P
   N-channel 650 V - 0.25 廓 - 15.5 A - TO-220/FP-D2/I2PAK-TO-247 second generation MDmesh??Power MOSFET
STD11NM60N-1 STMICROELECTRONICS-STD11NM60N-1 Datasheet
489Kb / 18P
   N-channel 600V - 0.37廓 - 10A - TO-220/FP- I/I2PAK - DPAK second generation MDmesh??Power MOSFET
STP25NM60N STMICROELECTRONICS-STP25NM60N_07 Datasheet
523Kb / 18P
   N-channel 600V - 0.140廓 - 20A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh??Power MOSFET
STB23NM60N STMICROELECTRONICS-STB23NM60N Datasheet
554Kb / 19P
   N-channel 600 V - 0.150 廓 - 19 A - D2PAK - I2PAK - TO-220/FP TO-247, second generation MDmesh??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com