전자부품 데이터시트 검색엔진 |
|
MAX232IDWRG4 데이터시트(PDF) 3 Page - Texas Instruments |
|
|
MAX232IDWRG4 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 16 page MAX232, MAX232I DUAL EIA232 DRIVERS/RECEIVERS SLLS047L − FEBRUARY 1989 − REVISED MARCH 2004 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Input supply voltage range, VCC (see Note 1) −0.3 V to 6 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Positive output supply voltage range, VS+ VCC − 0.3 V to 15 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Negative output supply voltage range, VS− −0.3 V to −15 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI: Driver −0.3 V to VCC + 0.3 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Receiver ±30 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output voltage range, VO: T1OUT, T2OUT VS− − 0.3 V to VS+ + 0.3 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . R1OUT, R2OUT −0.3 V to VCC + 0.3 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Short-circuit duration: T1OUT, T2OUT Unlimited . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Notes 2 and 3): D package 73 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . DW package 57 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . N package 67 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . NS package 64 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating virtual junction temperature, TJ 150 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. All voltages are with respect to network GND. 2. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) − TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability. 3. The package thermal impedance is calculated in accordance with JESD 51-7. recommended operating conditions MIN NOM MAX UNIT VCC Supply voltage 4.5 5 5.5 V VIH High-level input voltage (T1IN,T2IN) 2 V VIL Low-level input voltage (T1IN, T2IN) 0.8 V R1IN, R2IN Receiver input voltage ±30 V TA Operating free-air temperature MAX232 0 70 °C TA Operating free-air temperature MAX232I −40 85 °C electrical characteristics over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Note 4 and Figure 4) PARAMETER TEST CONDITIONS MIN TYP‡ MAX UNIT ICC Supply current VCC = 5.5 V, TA = 25°C All outputs open, 8 10 mA ‡ All typical values are at VCC = 5 V and TA = 25°C. NOTE 4: Test conditions are C1−C4 = 1 µF at VCC = 5 V ± 0.5 V. |
유사한 부품 번호 - MAX232IDWRG4 |
|
유사한 설명 - MAX232IDWRG4 |