전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7845TQ883B 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD7845TQ883B
상세설명  LC2MOS Complete 12-Bit Multiplying DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7845TQ883B 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD7845TQ883B Datasheet HTML 3Page - Analog Devices AD7845TQ883B Datasheet HTML 4Page - Analog Devices AD7845TQ883B Datasheet HTML 5Page - Analog Devices AD7845TQ883B Datasheet HTML 6Page - Analog Devices AD7845TQ883B Datasheet HTML 7Page - Analog Devices AD7845TQ883B Datasheet HTML 8Page - Analog Devices AD7845TQ883B Datasheet HTML 9Page - Analog Devices AD7845TQ883B Datasheet HTML 10Page - Analog Devices AD7845TQ883B Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD7845
REV. B
–7–
UNIPOLAR BINARY OPERATION
Figure 13 shows the AD7845 connected for unipolar binary
operation. When VIN is an ac signal, the circuit performs
2-quadrant multiplication. The code table for Figure 13 is given
in Table I.
Figure 13. Unipolar Binary Operation
Table I. Unipolar Binary Code Table for AD7845
Binary Number In
DAC Register
Analog Output, VOUT
MSB
LSB
1111
1111
1111
–VIN
4095
4096


1000
0000
0000
–VIN
2048
4096


= –1/2 VIN
0000
0000
0001
–VIN
1
4096


0000
0000
0000
0 V
OFFSET AND GAIN ADJUSTMENT FOR FIGURE 13
Zero Offset Adjustment
1. Load DAC with all 0s.
2. Trim R3 until VOUT = 0 V.
Gain Adjustment
1. Load DAC with all 1s.
2. Trim R1 so that VOUT = –VIN
4095
4096
.
In fixed reference applications, full scale can also be adjusted by
omitting R1 and R2 and trimming the reference voltage magni-
tude. For high temperature applications, resistors and potenti-
ometers should have a low temperature coefficient.
BIPOLAR OPERATION
(4-QUADRANT MULTIPLICATION)
The recommended circuit for bipolar operation is shown in
Figure 14. Offset binary coding is used.
The offset specification of this circuit is determined by the
matching of internal resistors RB and RC and by the zero code
offset error of the device. Gain error may be adjusted by varying
the ratio of R1 and R2.
To use this circuit without trimming and keep within the gain
error specifications, resistors R1 and R2 should be ratio
matched to 0.01%.
The code table for Figure 14 is given in Table II.
Figure 14. Bipolar Offset Binary Operation
Table II. Bipolar Code Table for Offset Binary Circuit of
Figure 14
Binary Number In
DAC Register
Analog Output, VOUT
MSB
LSB
1111
1111
1111
+VIN
2047
2048


1000
0000
0001
+VIN
1
2048


1000
0000
0000
0 V
0111
1111
1111
–VIN
1
2048


0000
0000
0000
–VIN
2048
2048

 = –VIN


유사한 부품 번호 - AD7845TQ883B

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7845 AD-AD7845_15 Datasheet
196Kb / 12P
   LC MOS Complete 12-Bit Multiplying DAC
REV. B
More results

유사한 설명 - AD7845TQ883B

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MX7845 MAXIM-MX7845 Datasheet
145Kb / 4P
   Complete, 12-Bit Multiplying DAC
19-3986; Rev 0; 10/91
logo
Analog Devices
AD7845 AD-AD7845_15 Datasheet
196Kb / 12P
   LC MOS Complete 12-Bit Multiplying DAC
REV. B
AD7840 AD-AD7840 Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
AD7568BPZ AD-AD7568BPZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
AD7568 AD-AD7568 Datasheet
241Kb / 12P
   LC2MOS Octal 12-Bit DAC
REV. B
AD7568BSZ AD-AD7568BSZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
logo
Sipex Corporation
HS7541A SIPEX-HS7541A Datasheet
110Kb / 7P
   12-Bit CMOS Multiplying DAC
logo
Analog Devices
AD7541A AD-AD7541A_15 Datasheet
230Kb / 8P
   12-Bit Monolithic Multiplying DAC
REV. B
AD7847ANZ AD-AD7847ANZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACS
REV. C
logo
Sipex Corporation
SP7545 SIPEX-SP7545 Datasheet
83Kb / 4P
   12-Bit, Buffered Multiplying DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com