전자부품 데이터시트 검색엔진 |
|
CB1SSU311553329 데이터시트(PDF) 2 Page - Bookham, Inc. |
|
CB1SSU311553329 데이터시트(HTML) 2 Page - Bookham, Inc. |
2 / 4 page Data Sheet 2 PON Filter for FTTx Typical design specifications (valid over operating temperature) Notes: [1] Loss includes connector pair [2] At edge of clear channel [3] Nominal overall length. Standard package length without boots nominally 35mm Component Parameters Specification # 0383 Unit Transmission Passband Center 1550/193.414 nm/THz Transmission Insertion Loss 0.7 max dB Transmission Inertion Loss Variation 0.2 max dB Transmission Isolation 40 min dB Lower Adjacent Band Region 1260 to 1500 nm Reflection Passband Centers 1310 & 1490 nm Reflection Insertion Loss 0.5 max dB Reflection Isolation 25 min dB Passband Half-Width [1] -18.2/2.3 nm/THz Polarization Dependent Loss [1] 0.1 max dB Return Loss [1] 50 min dB Directivity [1] 50 min dB Operationg Temperature [2] -5 to 70 °C Storage Temperature -40 to 85 °C Dimensions [3] (standard packaging) 5.5 (O) x 51 (L) mm Example Application and Performance Typical PON triplexer application and 1550nm transmission passband flatness detail PON Filter PON Filter 1310+1490nm 1310+1490+1550nm 1550nm Network 1xN split Central Office Video Data/Voice 1310+1490nm Customer Video Data/Voice 1550nm |
유사한 부품 번호 - CB1SSU311553329 |
|
유사한 설명 - CB1SSU311553329 |