전자부품 데이터시트 검색엔진 |
|
CB1GFU2215533290653 데이터시트(PDF) 3 Page - Bookham, Inc. |
|
CB1GFU2215533290653 데이터시트(HTML) 3 Page - Bookham, Inc. |
3 / 3 page D Ordering Information 100GHz Filter numbering convention North America Bookham Worldwide Headquarters 2584 Junction Ave. San Jose CA 95134 USA • Tel: +1 408 919 1500 • Fax: +1 408 919 6083 Europe Paignton Office Brixham Road Paignton Devon TQ4 7BE United Kingdom • Tel: +44 (0) 1803 66 2000 • Fax: +44 (0) 1803 66 2801 Asia Shenzhen Office 2 Phoenix Road Futian Free Trade Zone Shenzhen 518038 China • Tel: +86 755 33305888 • Fax: +86 755 33305805 +86 755 33305807 sales@bookham.com Important Notice Performance figures, data and any illustrative material provided in this data sheet are typical and must be specifically confirmed in writing by Bookham before they become applicable to any particular order or contract. In accordance with the Bookham policy of continuous improvement specifications may change without notice. The publication of information in this data sheet does not imply freedom from patent or other protective rights of Bookham or others. Further details are available from any Bookham sales representative. 100G_060320 C B 1 S L U 3 2 1 5 5 3 3 2 9 0 6 5 3 PACKAGE TYPE S = STD (5.5 mm dia) C = COMPACT (3.2 mm dia) H = INNER HOUSING ONLY R = RUGGED (See Spec) Z = CUSTOM (See Spec) G = ALL GLASS FIBER TYPE CONNECTOR TYPE LU = LC/UPC FU = FC/UPC FA = FC/APC SU = SC/UPC SA = SC/APC MU = MU ….. NA = NONE CC = COMBO (See Spec) 1 = 900 um Loose Tube 2 = 2 mm Jacketed 3 = 250 um Bare Fiber 4 = 900 um Tight Buffer 9 = See S FIBER LENGTH 1 = 1 Meter Min. 2 = 2 Meter Min. 3 = 3 Meter Min. 4 = 1.5 Meter Min. 5 = 2.5 Meter Min. 6 = 1-1.5 Meter 7 = 0.9-1.0 Meter 8 = Multiple 9 = See Specification pecification CENTER WAVELENGTH (nm) SPEC# (4 digit) 1553329 = 1553.329 or FREQUENCY (THz) F193000 = 193.000 |
유사한 부품 번호 - CB1GFU2215533290653 |
|
유사한 설명 - CB1GFU2215533290653 |