전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAS21A 데이터시트(PDF) 2 Page - Pan Jit International Inc.

부품명 BAS21A
상세설명  SURFACE MOUNT, HIGH VOLTAGE, DUAL SWITCHING DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS21A 데이터시트(HTML) 2 Page - Pan Jit International Inc.

  BAS21A Datasheet HTML 1Page - Pan Jit International Inc. BAS21A Datasheet HTML 2Page - Pan Jit International Inc. BAS21A Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
STAD-JUL.13.2004
100
1000
01.0
2.0
10
1.0
0.1
0.01
6.0
0
4.5
3.0
1.5
0
24
6
8
T=25 C
J
O
0
200
300
400
500
100
50
100
150
200
AMBIENT TEMPERATURE( C)
O
FORWARD VOLTAGE, VOLTS
REVERSE VOLTAGE, VOLTS
0
T , JUNCTION TEMPERATURE, C
J
O
0.01
0.1
1.0
10
100
100
200
Fig.2 LEAKAGE CURRENT vs JUNCTION TEMPERATURE
FIG. 1-TYPICAL FORWARD CHARACTERISTIC
FIG. 4 POWER DERATING CURVE
FIG. 3 TYPICAL JUNCTION CAPACITANCE
ELECTRICAL CHARACTERISTICS
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Sn
o
it
i
d
n
o
C
t
s
e
T.
N
I
M.
P
Y
T.
X
A
Ms
t
i
n
U
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV(BR)
IR
0
0
1
=uA
-
--
-0
5
2V
t
n
e
r
r
u
C
e
s
r
e
v
e
RI R
VR
0
0
2
=V
VR
0
0
2
=,
VTJ =0
5
1
OC
-
--
-
1
.
0
0
0
1
A
u
e
g
a
tl
o
V
d
r
a
w
r
o
FVF
IF
0
.
1
=mA
IF
0
0
1
=mA
-
--
-
0
7
.
0
0
0
.
1
V
e
c
n
a
t
i
c
a
p
a
C
n
o
it
c
n
u
J
m
u
m
i
x
a
MCJ
VR
,
V
0
=f
H
M
0
.
1
=
Z
-
--
-0
.
5F
p
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
Rr
r
TIF I
= R
0
3
=m ,
ARL
0
0
1
=
-
--
-0
5s
n
ELECTRICAL CHARACTERISTICS CURVES


유사한 부품 번호 - BAS21A

제조업체부품명데이터시트상세설명
logo
Weitron Technology
BAS21A WEITRON-BAS21A Datasheet
665Kb / 2P
   Surface Mount Switching Diodes
logo
Nanjing International G...
BAS21A DGNJDZ-BAS21A Datasheet
4Mb / 2P
   Fast Switching Speed
logo
Galaxy Semi-Conductor H...
BAS21A BILIN-BAS21A Datasheet
177Kb / 3P
   Surface mount switching diode
logo
Jiangsu Changjiang Elec...
BAS21A JIANGSU-BAS21A Datasheet
703Kb / 4P
   SWITCHING DIODE
logo
Guangdong Kexin Industr...
BAS21A KEXIN-BAS21A Datasheet
41Kb / 1P
   Surface Mount Switching Diodes
More results

유사한 설명 - BAS21A

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
BAS21A PANJIT-BAS21A_17 Datasheet
260Kb / 5P
   SURFACE MOUNT, HIGH VOLTAGE, DUAL SWITCHING DIODES
BAS21A-AU PANJIT-BAS21A-AU_17 Datasheet
260Kb / 5P
   SURFACE MOUNT, HIGH VOLTAGE, DUAL SWITCHING DIODES
BAS21A PANJIT-BAS21A_09 Datasheet
89Kb / 3P
   SURFACE MOUNT, HIGH VOLTAGE, DUAL SWITCHING DIODES
logo
Central Semiconductor C...
CMLD2004 CENTRAL-CMLD2004 Datasheet
62Kb / 2P
   SURFACE MOUNT DUAL, HIGH VOLTAGE SILICON SWITCHING DIODES
CMLD2004 CENTRAL-CMLD2004_10 Datasheet
526Kb / 2P
   SURFACE MOUNT DUAL, HIGH VOLTAGE SILICON SWITCHING DIODES
logo
Pan Jit International I...
BAV201 PANJIT-BAV201_09 Datasheet
87Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
BAV101 PANJIT-BAV101_09 Datasheet
81Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
BAV201 PANJIT-BAV201 Datasheet
60Kb / 2P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
logo
Central Semiconductor C...
BAW101 CENTRAL-BAW101_11 Datasheet
428Kb / 2P
   SURFACE MOUNT DUAL, ISOLATED HIGH VOLTAGE SILICON SWITCHING DIODES
logo
Pan Jit International I...
BAV301 PANJIT-BAV301 Datasheet
60Kb / 2P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com