전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM5812-005-D-5-N 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 SM5812-005-D-5-N
상세설명  Amplified Pressure Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SM5812-005-D-5-N 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  SM5812-005-D-5-N Datasheet HTML 1Page - List of Unclassifed Manufacturers SM5812-005-D-5-N Datasheet HTML 2Page - List of Unclassifed Manufacturers SM5812-005-D-5-N Datasheet HTML 3Page - List of Unclassifed Manufacturers SM5812-005-D-5-N Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SM5812/SM5852
 2005 SMI
Silicon Microstructures, Inc.
♦ 1701 McCarthy Blvd. ♦ Milpitas, CA 95035 ♦ USA
Tel: 408-577-0100
♦ Fax: 408-577-0123 ♦ Sales@si-micro.com ♦ www.si-micro.com
Rev 1.4 6_05
THEORY OF OPERATION
The operation of the signal processor is
depicted in the block diagram below. The
external pressure sensor is a piezoresistive
bridge. This transduces the applied pressure
into an electronic signal, which is then inputted
into the integrating amplifier of the ASIC.
During the amplification step an offset
correction factor is added in order to allow
maximum gain for a given pressure while
minimizing the offset error.
The signal is then passed to an 11-bit analog
to digital converter (ADC). The ADC samples
the signal multiple times and uses the sum of
those samples as a 13-bit word.
A digital signal processor (DSP) is then used
to correct and calibrate the pressure signal.
The DSP provides multi-order correction of
both pressure and temperature non-linearity
through the use of factory-programmed
coefficients. A combined total of twenty
coefficients are available for correcting
pressure and temperature non-linearity. The
unique coefficients are determined during a
calibration process performed at the factory.
Factory calibration is the last step performed
which means the effect of the package on
the pressure signal will also be taken into
account. This provides a great advantage
over conventional laser-trimming
approaches.
The DSP outputs a corrected digital word,
which travels to a 12-bit digital to analog
converter (DAC) to provide a calibrated
analog output. In addition to the analog
output, the corrected pressure signal is
accessible through an I
2C digital interface.
See SMI application note AN05-001 for a
detailed description of how to read out the
digital corrected pressure signal using the
I2C bus interface.
Switched
Capacitor
Integrateing
Amplifier
Analog
Timing
Control
2 MHz
Oscillator
Power-On
Reset
V
Temp
11-bit ADC
MUX
EEPROM
Array
Band-gap
Output
Buffer
Analog
Output
SDA
SCL
Ground
+ 5 VDC
SMI Multi-Order Pressure and
Temperature Correction ASIC
Analog Component
Digital Component
External
Piezoresistive
Bridge
+ 5 VDC
Ground
DSP
(multi-order
correction of
pressure and
temperature
non-
linearities)
12-bit
Sigma-
Delta DAC
Digital Timing
and Control
Management
I2C Digital
Interface


유사한 부품 번호 - SM5812-005-D-5-N

제조업체부품명데이터시트상세설명
logo
Silicon Mitus, Inc.
SM5811 SILICONMITUS-SM5811 Datasheet
286Kb / 2P
   A Very High Efficiency, Low Quiescent 2.5A Buck-Boost Converter
July 2021 Rev. 0.0.3
logo
Nippon Precision Circui...
SM5813 NPC-SM5813 Datasheet
398Kb / 13P
   EIGHT-TIMES OVERSAMPLING DIGITAL FILTER FOR DIGITAL AUDIO
SM5813AF NPC-SM5813AF Datasheet
398Kb / 13P
   EIGHT-TIMES OVERSAMPLING DIGITAL FILTER FOR DIGITAL AUDIO
SM5813AP NPC-SM5813AP Datasheet
398Kb / 13P
   EIGHT-TIMES OVERSAMPLING DIGITAL FILTER FOR DIGITAL AUDIO
SM5813APT NPC-SM5813APT Datasheet
398Kb / 13P
   EIGHT-TIMES OVERSAMPLING DIGITAL FILTER FOR DIGITAL AUDIO
More results

유사한 설명 - SM5812-005-D-5-N

제조업체부품명데이터시트상세설명
logo
All Sensors Corporation
DS-0032 ASC-DS-0032 Datasheet
241Kb / 3P
   AMPLIFIED Pressure Sensors
logo
Sensortechnics GmbH
HDIM010-B SENSORTECHNICS-HDIM010-B Datasheet
495Kb / 9P
   Amplified pressure sensors
HMAM100U SENSORTECHNICS-HMAM100U Datasheet
381Kb / 15P
   Amplified pressure sensors
HDI0611ABE8H3 SENSORTECHNICS-HDI0611ABE8H3 Datasheet
124Kb / 11P
   Amplified pressure sensors
logo
All Sensors Corporation
442-1022-ND ASC-442-1022-ND Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
10INCH-G-4V ASC-10INCH-G-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
DS-00283 ASC-DS-00283 Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
logo
Sensortechnics GmbH
HCE0611ABE8P3 SENSORTECHNICS-HCE0611ABE8P3 Datasheet
148Kb / 11P
   Miniature amplified pressure sensors
logo
All Sensors Corporation
1INCH-D-4V ASC-1INCH-D-4V Datasheet
300Kb / 7P
   Amplified Low Pressure Sensors
DS-0028 ASC-DS-0028 Datasheet
233Kb / 7P
   Amplified Middle Pressure Sensors
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com