์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

RT9006A ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 6 Page - Richtek Technology Corporation

๋ถ€ํ’ˆ๋ช… RT9006A
์ƒ์„ธ๋‚ด์šฉ  Dual LDO Regulator with Reset Function
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  RICHTEK [Richtek Technology Corporation]
ํ™ˆํŽ˜์ด์ง€  http://www.richtek.com
Logo 

RT9006A ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 6 Page - Richtek Technology Corporation

 
Zoom Inzoom in Zoom Outzoom out
/ 10 page
 6 / 10 page
background image
RT9006A/B
6
DS9006A/B-05
September 2007
www.richtek.com
Detector Delay Time
0.01
0.1
1
10
100
1000
10000
0.0001
0.0010
0.0100
0.1000
1.0000
CT Setting Capacitance (uF)
RT9006A
VIN1 = VIN2 = 4.3V
Load Transient Response
Time (100
ฮผs/Div)
IOUT
(100mA/Div)
VOUT1
(50mV/Div)
VOUT2
(50mV/Div)
VIN1 = VIN2 = 4.3V, Both Loading = 10mA to 100mA
RT9006B
Load Transient Response
Time (100
ฮผs/Div)
IOUT
(200mA/Div)
VOUT1
(50mV/Div)
VOUT2
(50mV/Div)
VIN1 = VIN2 = 4.3V, Both Loading = 10mA to 150mA
RT9006B
Load Transient Response
Time (100
ฮผs/Div)
IOUT
(50mA/Div)
VOUT1
(20mV/Div)
VIN1 = VIN2 = 4.3V, Both Loading = 10mA to 50mA
VOUT2
(20mV/Div)
RT9006B
Line Transient Response
Time (100
ฮผs/Div)
VIN
(1V/Div)
VOUT1
(20mV/Div)
VOUT2
(20mV/Div)
RT9006B
5.3
4.3
Both Loading = 100mA
Line Transient Response
Time (100
ฮผs/Div)
VIN
(1V/Div)
VOUT1
(20mV/Div)
VOUT2
(20mV/Div)
RT9006B
5.3
4.3
Both Loading = 10mA


Html Pages

1  2  3  4  5  6  7  8  9  10 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn