전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAV301 데이터시트(PDF) 1 Page - Pan Jit International Inc.

부품명 BAV301
상세설명  HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAV301 데이터시트(HTML) 1 Page - Pan Jit International Inc.

  BAV301 Datasheet HTML 1Page - Pan Jit International Inc. BAV301 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
STAD-JAN.27.2004
DATA SHEET
BAV301~BAV303
FEATURES
• Fast switching Speed.
• Surface Mount Package Ideally Suited For Automatic Insertion.
• Silicon Epitaxal Planar Construction.
MECHANICALDATA
• Case: Micro Melf, Glass
• Terminals: Solderable per MIL-STD-202E, Method 208
• Polarity: Cathode Band
• Marking: Cathode Band Only
• Weight: 0.01 grams
• Packing information
T/R - 2.5K per 7" plastic Reel
.043(1.1)
.008(0.2)
.008(0.2)
.071(1.8)
.079(2.0)
MICRO-MELF
Unit:inch(mm)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TJ =25°C unless otherwise noted)
R
E
T
E
M
A
R
A
PL
O
B
M
Y
S1
0
3
V
A
B2
0
3
V
A
B3
0
3
V
A
BS
T
I
N
U
e
g
a
tl
o
V
e
s
r
e
v
e
R
VR
0
0
10
5
10
0
2V
e
g
a
tl
o
V
e
s
r
e
v
e
R
k
a
e
P
VRM
0
2
10
0
20
5
2V
d
a
o
L
e
v
it
s
i
s
e
R
h
t
i
w
n
o
it
a
c
if
it
c
e
R
e
v
a
W
fl
a
H
,
)
e
g
a
r
e
v
A
(
t
n
e
r
r
u
C
d
e
if
it
c
e
R
z
H
0
5
=
>
f
d
n
a
IO
0
0
2A
m
s
0
.
1
=
t
,
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
IFSM
0
.
1A
5
2
t
a
e
v
o
b
A
e
t
a
r
e
D
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
O CPD
0
0
3W
m
A
m
0
0
1
=
F
I
,
e
g
a
tl
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
VF
0
.
1V
T
e
g
a
tl
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
t
a
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
J
5
2
=
O CIR
1
.
0A
u
)
1
e
t
o
N
(
e
c
n
a
t
i
c
a
p
a
C
n
o
it
c
n
u
J
l
a
c
i
p
y
T
J
C5
9
.
0F
p
)
2
e
t
o
N
(
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
m
u
m
i
x
a
M
TRR
5
7s
n
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
m
u
m
i
x
a
M
R
θ A
J0
5
3
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
n
o
it
c
n
u
J
n
o
it
a
r
e
p
O
TSTG
5
7
1
+
O
T
5
6
-
O C
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
VOLTAGE
100 to 200 Volts
POWER
300 mWatts
NOTE:
1. CJ at VR=0, f=1MHZ
2. From IF=10mA to IR=-1mA, VR=6Volts, RL=100


유사한 부품 번호 - BAV301

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BAV301 VISHAY-BAV301 Datasheet
61Kb / 5P
   Silicon Epitaxial Planar Diodes
Rev. 2.1, 01-Aug-12
logo
Transys Electronics
BAV301 TRSYS-BAV301 Datasheet
138Kb / 2P
   SURFACE MOUNT SWITCHING DIODE
logo
Vishay Siliconix
BAV301 VISHAY-BAV301 Datasheet
135Kb / 6P
   Small Signal Switching Diodes, High Voltage
Rev. 1.9, 07-Mar-06
logo
Pan Jit International I...
BAV301 PANJIT-BAV301 Datasheet
85Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
logo
Micro Commercial Compon...
BAV301 MCC-BAV301 Datasheet
716Kb / 3P
   Switching Diodes
More results

유사한 설명 - BAV301

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
BAV201 PANJIT-BAV201_09 Datasheet
87Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
BAV101 PANJIT-BAV101_09 Datasheet
81Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
BAV201 PANJIT-BAV201 Datasheet
60Kb / 2P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
logo
AiT Semiconductor Inc.
MBD3004S AITSEMI-MBD3004S Datasheet
509Kb / 6P
   SWITCHING DIODES HIGH VOLTAGE SURFACE MOUNT
REV1.1
logo
Pan Jit International I...
BAV301 PANJIT-BAV301_09 Datasheet
85Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
BAV101 PANJIT-BAV101 Datasheet
46Kb / 2P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
logo
AiT Semiconductor Inc.
BAV3004 AITSEMI-BAV3004 Datasheet
449Kb / 6P
   SWITCHING DIODES HIGH VOLTAGE SURFACE MOUNT
REV1.1
logo
Pan Jit International I...
BAS21A PANJIT-BAS21A_17 Datasheet
260Kb / 5P
   SURFACE MOUNT, HIGH VOLTAGE, DUAL SWITCHING DIODES
BAS21A-AU PANJIT-BAS21A-AU_17 Datasheet
260Kb / 5P
   SURFACE MOUNT, HIGH VOLTAGE, DUAL SWITCHING DIODES
BAS21A PANJIT-BAS21A Datasheet
44Kb / 3P
   SURFACE MOUNT, HIGH VOLTAGE, DUAL SWITCHING DIODES
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com