전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC846BW 데이터시트(PDF) 6 Page - Pan Jit International Inc.

부품명 BC846BW
상세설명  NPN GENERAL PURPOSE TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC846BW 데이터시트(HTML) 6 Page - Pan Jit International Inc.

  BC846BW Datasheet HTML 1Page - Pan Jit International Inc. BC846BW Datasheet HTML 2Page - Pan Jit International Inc. BC846BW Datasheet HTML 3Page - Pan Jit International Inc. BC846BW Datasheet HTML 4Page - Pan Jit International Inc. BC846BW Datasheet HTML 5Page - Pan Jit International Inc. BC846BW Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PAGE . 6
STAD-JUL.06.2004
MOUNTING PAD LAYOUT
• Packing information
T/R - 12K per 13" plastic Reel
T/R - 3.0K per 7" plastic Reel
ORDER INFORMATION
LEGAL STATEMENT
IMPORTANT NOTICE
This information is intended to unambiguously characterize the product in order to facilitate the customer's evaluation
of the device in the application. The information will help the customer's technical experts determine that the device is
compatible and interchangeable with similar devices made by other vendors. The information in this data sheet is believed
to be reliable and accurate. The specifications and information herein are subject to change without notice. New products
and improvements in products and product characterization are constantly in process. Therefore, the factory should be
consulted for the most recent information and for any special characteristics not described or specified.
Copyright Pan Jit International Inc. 2003
All rights reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright
owner.
The information presented in this document does not form part of any quotation or contract. The information presented is
believed to be accurate and reliable, and may change without notice in advance. No liability will be accepted by the
publisher for any consequence of use.Publication thereof does not convey nor imply any license under patent or other
industrial or intellectual property rights.
0.025(0.65)
0.028(0.7)
SOT-323
Unit: inch (mm)


유사한 부품 번호 - BC846BW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BC846BW PHILIPS-BC846BW Datasheet
50Kb / 8P
   NPN general purpose transistors
1999 Apr 23
logo
Infineon Technologies A...
BC846BW INFINEON-BC846BW Datasheet
183Kb / 19P
   NPN Silicon AF Transistors
2007-04-20
logo
Diotec Semiconductor
BC846BW DIOTEC-BC846BW Datasheet
130Kb / 2P
   SMD General Purpose NPN Transistors
logo
Siemens Semiconductor G...
BC846BW SIEMENS-BC846BW Datasheet
272Kb / 8P
   NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
SeCoS Halbleitertechnol...
BC846BW SECOS-BC846BW Datasheet
903Kb / 4P
   NPN Plastic Encapsulate Transistor
More results

유사한 설명 - BC846BW

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com