전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX784C15 데이터시트(PDF) 4 Page - Pan Jit International Inc.

부품명 BZX784C15
상세설명  SURFACE MOUNT SILICON ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BZX784C15 데이터시트(HTML) 4 Page - Pan Jit International Inc.

  BZX784C15 Datasheet HTML 1Page - Pan Jit International Inc. BZX784C15 Datasheet HTML 2Page - Pan Jit International Inc. BZX784C15 Datasheet HTML 3Page - Pan Jit International Inc. BZX784C15 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PAGE . 4
STAD-APR.26.2007
MOUNTING PAD LAYOUT
• Packing information
T/R - 8K per 7" plastic Reel
ORDER INFORMATION
LEGAL STATEMENT
Copyright PanJit International, Inc 2007
The information presented in this document is believed to be accurate and reliable. The specifications and information herein
are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit
does not convey any license under its patent rights or rights of others.
BZX784C2V4~BZX784C51


유사한 부품 번호 - BZX784C15

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
BZX784C15 PANJIT-BZX784C15 Datasheet
94Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Jiangsu Changjiang Elec...
BZX784C15 JIANGSU-BZX784C15 Datasheet
1Mb / 5P
   ZENER DIODE
logo
SeCoS Halbleitertechnol...
BZX784C15 SECOS-BZX784C15 Datasheet
329Kb / 3P
   Surface Mount Zener Diodes
BZX784C15-C SECOS-BZX784C15-C Datasheet
329Kb / 3P
   Surface Mount Zener Diodes
More results

유사한 설명 - BZX784C15

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com