์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

CX6SM ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - STATEK CORPORATION

๋ถ€ํ’ˆ๋ช… CX6SM
์ƒ์„ธ๋‚ด์šฉ  Ultra-Low Profile (1mm) Miniature Surface Mount Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  STATEK [STATEK CORPORATION]
ํ™ˆํŽ˜์ด์ง€  http://www.statek.com
Logo 

CX6SM ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - STATEK CORPORATION

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 1 / 2 page
background image
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
YS
TEM
CERTIFIC
AT
01
DESCRIPTION
The CX6SM quartz crystals are leadless devices designed for
surface mounting on printed circuit boards or hybrid
substrates. They are hermetically sealed in a rugged,
miniature ceramic package. They are manufactured using the
STATEK-developed photolithographic process, and are
designed utilizing the experience acquired by producing
millions of crystals for industrial, commercial, military and
medical applications. Maximum process temperature should
not exceed 260
OC.
FEATURES
Ultra-low profile (1mm)
Extensional mode
Ideal for use with microprocessors
Designed for low power applications
Low aging
Full military testing available
Ideal for battery operated applications
Designed and manufactured in the USA
CX6SM CRYSTAL
800 kHz to 1.35 MHz
Ultra-Low Profile (1mm)
Miniature Surface Mount Quartz Crystal
โ„ข
10133 - Rev B
TYP.
MAX.
DIM
inches
mm
inches
mm
A
0.265
6.73
0.280
7.11
B
0.103
2.62
0.114
2.90
C-
-
see below
D
0.050
1.27
0.060
1.52
DIM โ€œCโ€œ
GLASS LID
CERAMIC LID
MAX
inches
mm
inches
mm
SM1
0.039
0.99
0.053
1.35
SM2
0.041
1.04
0.055
1.40
SM3
0.044
1.12
0.058
1.47
0.070 (1.78)
0.215 (5.46)
0.120 (3.05)
inches (mm)
A
B
D
D
TOP
BOTTOM
C
PACKAGE DIMENSIONS
SUGGESTED LAND PATTERN
C
0
C
1
R
1
2
1
L
1
EQUIVALENT CIRCUIT
R
1 Motional Resistance
L
1 Motional Inductance
C
1 Motional Capacitance
C
0 Shunt Capacitance
actual size
side view
Glass Lid Shown


Html Pages

1  2 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn