전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S70GL02GP 데이터시트(HTML) 5 Page - SPANSION

부품명 S70GL02GP
상세내용  2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo 

S70GL02GP 데이터시트(HTML) 5 Page - SPANSION

 
Zoom Inzoom in Zoom Outzoom out
/ 14 page
 5 / 14 page
background image
December 4, 2006 S70GL-P_00_01
S70GL-P MirrorBit
TM Flash Family
3
Da ta
Sh e e t
(Adv a n ce
In f o r m ation)
1.
Ordering Information
The ordering part number is formed by a valid combination of the following:
Notes
1. Type 0 is standard. Specify other options as required.
2. BGA package marking omits leading “S70” and packing type designator from ordering part number.
3. Contact local sales representative for availability.
1.1
Recommended Combinations
Recommended Combinations list configurations planned to be supported in volume for this device. Consult
your local sales office to confirm availability of specific recommended combinations and to check on newly
released combinations.
S70GL02GP
10
F
A
I
01
0
PACKING TYPE
0
= Tray (standard; see (Note 1)
2
= 7” Tape and Reel
3
= 13” Tape and Reel
MODEL NUMBER (VIO range, protection when WP# =VIL)
01 = VIO = VCC = 2.7 to 3.6 V, highest address sector protected
02 = VIO = VCC = 2.7 to 3.6 V, lowest address sector protected
V1 = VIO = 1.65 to VCC, VCC = 2.7 to 3.6 V, highest address sector protected
V2 = VIO = 1.65 to VCC, VCC = 2.7 to 3.6 V, lowest address sector protected
R1 = VIO = VCC = 3.0 to 3.6 V, highest address sector protected
R2 = VIO = VCC = 3.0 to 3.6 V, lowest address sector protected
TEMPERATURE RANGE
I
= Industrial (–40
°C to +85°C)
PACKAGE MATERIALS SET
A= Pb (Note 3)
F
= Pb-free
PACKAGE TYPE
F
= Fortified Ball Grid Array, 1.0 mm pitch package
SPEED OPTION
11 = 110 ns
12 = 120 ns
13 = 130 ns
DEVICE NUMBER/DESCRIPTION
S70GL02GP
3.0 Volt-only, 2048 Megabit (256 M x 16-Bit/512 M x 8-Bit) Page-Mode Flash Memory
Manufactured on 90 nm MirrorBit
TM process technology
S70GL02GP Valid Combinations
Package Description
Base Part Number
Speed (ns)
Package &
Temperature
Model Number
Pack Type
S70GL02GP
11
FAI , FFI
(Note 3)
R1, R2
0, 2, 3 (Note 1)
LSE064 (Fortified BGA) (Note 2)
12
01 (Note 3), 02
13
V1 (Note 3), V2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


데이터시트 Download



관련 부품명

부품명상세내용Html View제조사
S29GL-P_073.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology 1 2 3 4 5 MoreSPANSION
AM29PL320D32 Megabit 2 M x 16-Bit/1 M x 32-Bit CMOS 3.0 Volt-only High Performance Page Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
S29AL016M_0616 Megabit 2 M x 8-Bit/1 M x 16-Bit 3.0 Volt-only Boot Sector Flash Memory Featuring MirrorBit™ Technology 1 2 3 4 5 MoreSPANSION
AM29PDL129H128 Megabit 8 M x 16-Bit CMOS 3.0 Volt-only Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO 1 2 3 4 5 MoreAdvanced Micro Devices
AM29PL160C_0616 Megabit 2 M x 8-Bit/1 M x 16-Bit CMOS 3.0 Volt-only High Performance Page Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29PDL127H128 Megabit 8 M x 16-Bit CMOS 3.0 Volt-only Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control 1 2 3 4 5 MoreAdvanced Micro Devices
AM70PDL127BDH2 x 64 Megabit 8 M x 16-Bit CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit 8 M x 16-Bit CMOS 1 2 3 4 5 MoreSPANSION
AM70PDL127CDH2 x 64 Megabit 8 M x 16-Bit CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit 8 M x 16-Bit CMOS 1 2 3 4 5 MoreAdvanced Micro Devices
AM41PDS3228D32 Megabit 2 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Operation Page Mode Flash Memory and 8 Mbit 1 M x 8-Bit/512 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BL162C16 Megabit 1 M x 16-Bit CMOS 3.0 Volt-only Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices

링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn