전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMBD6050WS 데이터시트(PDF) 3 Page - Pan Jit International Inc.

부품명 MMBD6050WS
상세설명  SURFACE MOUNT SWITCHING DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBD6050WS 데이터시트(HTML) 3 Page - Pan Jit International Inc.

  MMBD6050WS Datasheet HTML 1Page - Pan Jit International Inc. MMBD6050WS Datasheet HTML 2Page - Pan Jit International Inc. MMBD6050WS Datasheet HTML 3Page - Pan Jit International Inc. MMBD6050WS Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTIC CURVES
Fig. 3. Forward Current vs. Forward Voltage
0.001
0.010
0.100
1.000
10.000
0
20
40
60
80
Reverse Voltage, VR (V)
T
J = 25 °C
T
J = 75 °C
TJ = 150 °C
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Forward Voltage, VF (V)
TJ = 25 °C
TJ = 75 °C
TJ = -25 °C
T
J = 150 °C
0
0.5
1
1.5
2
2.5
0
10
20
30
40
50
60
70
80
Reverse Voltage, VR (V)
Fig. 2. Reverse Current vs. Reverse Voltage
Fig. 4. Capacitance vs. Reverse Voltage
STAD-JAN.13.2005
PAGE . 3


유사한 부품 번호 - MMBD6050WS

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
MMBD6050WS-AU PANJIT-MMBD6050WS-AU Datasheet
167Kb / 6P
   SURFACE MOUNT SWITCHING DIODES
MMBD6050WS-AU PANJIT-MMBD6050WS-AU_16 Datasheet
172Kb / 6P
   SURFACE MOUNT SWITCHING DIODES
MMBD6050WS-AU_R1_000A1 PANJIT-MMBD6050WS-AU_R1_000A1 Datasheet
172Kb / 6P
   SURFACE MOUNT SWITCHING DIODES
MMBD6050WS-AU_R2_000A1 PANJIT-MMBD6050WS-AU_R2_000A1 Datasheet
172Kb / 6P
   SURFACE MOUNT SWITCHING DIODES
MMBD6050WS PANJIT-MMBD6050WS_09 Datasheet
493Kb / 4P
   SURFACE MOUNT SWITCHING DIODES
More results

유사한 설명 - MMBD6050WS

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
MMBD4148 PANJIT-MMBD4148_04 Datasheet
36Kb / 2P
   SURFACE MOUNT SWITCHING DIODES
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
   SURFACE MOUNT SWITCHING DIODES
logo
SeCoS Halbleitertechnol...
BAS21 SECOS-BAS21_15 Datasheet
1Mb / 2P
   Surface Mount Switching Diodes
logo
Weitron Technology
MMBD4448HT WEITRON-MMBD4448HT Datasheet
1Mb / 3P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Weitron Technology
BAS21A WEITRON-BAS21A_09 Datasheet
698Kb / 2P
   Surface Mount Switching Diodes
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD4148 PANJIT-MMBD4148_09 Datasheet
130Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com