전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC3804X 데이터시트(PDF) 5 Page - STANLEY ELECTRIC CO.,LTD.

부품명 UC3804X
상세설명  Single Color ?3 Flush Mount Round Shape Type
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STANLEY [STANLEY ELECTRIC CO.,LTD.]
홈페이지  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

UC3804X 데이터시트(HTML) 5 Page - STANLEY ELECTRIC CO.,LTD.

  UC3804X Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. UC3804X Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. UC3804X Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. UC3804X Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. UC3804X Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. UC3804X Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. UC3804X Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. UC3804X Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. UC3804X Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Luminous Intensity Rank
Page 5
Single Color φ3 Flush Mount Round Shape Type
U□38□4X Series
(Ta=25℃)
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
A
672
1,344
250
500
220
440
B
960
1,920
350
700
300
600
C
240
480
1,344
2,688
960
1,920
500
1,000
440
880
D
336
672
1,920
3,840
1,344
2,688
700
1,400
600
1,200
E
480
960
2,688
5,376
1,920
3,840
1,000
2,000
880
1,760
F
672
1,344
3,840
-
2,688
5,376
1,400
-
1,200
-
G
960
1,920
3,840
7,680
H
1,344
-
5,376
-
Ra nk
UC
UG
UY
Condition
IF = 20mA
UR
UB
IV(mcd)
Please contact our sales staff concerning rank designation of UY and UR.
2004.12.27


유사한 부품 번호 - UC3804X

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
UC3804X ETC1-UC3804X Datasheet
304Kb / 24P
   Single Color PI 3 Flush Mount Round Shape Type
More results

유사한 설명 - UC3804X

제조업체부품명데이터시트상세설명
logo
STANLEY ELECTRIC CO.,LT...
KR3804X STANLEY-KR3804X Datasheet
180Kb / 12P
   Single Color ?3 Flush Mount Round Shape Type
UB3803X STANLEY-UB3803X Datasheet
316Kb / 24P
   Single Color ?3 Flush Mount Round Shape Type
KR3803X STANLEY-KR3803X Datasheet
181Kb / 12P
   Single Color ?3 Flush Mount Round Shape Type
MBG3874K STANLEY-MBG3874K Datasheet
413Kb / 33P
   Single Color Flush Mount Round Shape Type
MBG3864K STANLEY-MBG3864K Datasheet
413Kb / 33P
   Single Color Flush Mount Round Shape Type
logo
List of Unclassifed Man...
UC3804X ETC1-UC3804X Datasheet
304Kb / 24P
   Single Color PI 3 Flush Mount Round Shape Type
5307S ETC2-5307S Datasheet
426Kb / 33P
   Single Color ?5 Flush Mount Round Shape Type
logo
STANLEY ELECTRIC CO.,LT...
KR5805S STANLEY-KR5805S Datasheet
188Kb / 12P
   Single Color ?5 Flush Mount Round Shape Type
WR5805S STANLEY-WR5805S Datasheet
131Kb / 10P
   Single Color 5 Flush Mount Round Shape Type
WR5805S STANLEY-WR5805S_10 Datasheet
131Kb / 10P
   Single Color ?5 Flush Mount Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com