전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD844JR-16-REEL 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD844JR-16-REEL
상세설명  60 MHz, 2000 V/us Monolithic Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD844JR-16-REEL 데이터시트(HTML) 4 Page - Analog Devices

  AD844JR-16-REEL Datasheet HTML 1Page - Analog Devices AD844JR-16-REEL Datasheet HTML 2Page - Analog Devices AD844JR-16-REEL Datasheet HTML 3Page - Analog Devices AD844JR-16-REEL Datasheet HTML 4Page - Analog Devices AD844JR-16-REEL Datasheet HTML 5Page - Analog Devices AD844JR-16-REEL Datasheet HTML 6Page - Analog Devices AD844JR-16-REEL Datasheet HTML 7Page - Analog Devices AD844JR-16-REEL Datasheet HTML 8Page - Analog Devices AD844JR-16-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. 0
–4–
SUPPLY VOLTAGE –
V
70
60
30
05
20
10
15
50
40
TPC 1. –3 dB Bandwidth vs.
Supply Voltage R1 = R2 = 500
SUPPLY VOLTAGE –
V
20
15
0
05
20
10
15
10
5
TA = 25 C
TPC 4. Noninverting Input Voltage
Swing vs. Supply Voltage
TEMPERATURE – C
2
1
–2
–50
150
0
50
100
0
–1
IBP
IBN
TPC 7. Inverting Input Bias Cur-
rent (IBN) and Noninverting Input
Bias Current (IBP) vs. Temperature
INPUT FREQUENCY – Hz
–60
–70
100
1k
100k
10k
–100
–80
–90
–110
–120
–130
3RD HARMONIC
2ND HARMONIC
1V rms
TPC 2. Harmonic Distortion vs.
Frequency, R1 = R2 = 1 k
SUPPLY VOLTAGE –
V
20
15
0
05
20
10
15
10
5
RL = 500
TA = 25 C
TPC 5. Output Voltage Swing
vs. Supply Voltage
FREQUENCY – Hz
100
10
0.01
10k
100k
100M
1M
10M
1
0.1
5V SUPPLIES
TPC 8. Output Impedance vs.
Frequency, Gain = –1, R1 = R2 = 1 k
TEMPERATURE – C
5
4
0
–50
150
0
50
100
3
2
1
RL =
RL = 500
RL = 50
TPC 3. Transresistance vs.
Temperature
TEMPERATURE – C
10
7
4
–60
0
20
9
8
6
5
–40 –20
40
60
80 100 120 140
VS = 15V
VS = 5V
TPC 6. Quiescent Supply
Current vs. Temperature and
Supply Voltage
TEMPERATURE – C
40
25
10
–60
020
35
30
20
15
–40 –20
40
60
80 100 120 140
VS = 15V
VS = 5V
TPC 9. –3 dB Bandwidth vs.
Temperature, Gain = –1,
R1 = R2 = 1 k
AD844–Typical Characteristics (T
A = 25 C and VS =
15 V, unless otherwise noted)


유사한 부품 번호 - AD844JR-16-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD844JR-16-REEL AD-AD844JR-16-REEL Datasheet
422Kb / 20P
   60 MHz 2000 V Monolithic Op Amp
Rev. F
AD844JR-16-REEL7 AD-AD844JR-16-REEL7 Datasheet
422Kb / 20P
   60 MHz 2000 V Monolithic Op Amp
Rev. F
More results

유사한 설명 - AD844JR-16-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD844 AD-AD844 Datasheet
493Kb / 12P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. C
AD844ANZ AD-AD844ANZ Datasheet
422Kb / 20P
   60 MHz 2000 V Monolithic Op Amp
Rev. F
AD844 AD-AD844_15 Datasheet
422Kb / 20P
   60 MHz 2000 V/s Monolithic Op Amp
Rev. F
logo
Texas Instruments
TLV9051 TI1-TLV9051_19 Datasheet
2Mb / 50P
[Old version datasheet]   5-MHz, 15-V/us high slew-rate, RRIO op amp
logo
Linear Technology
LT1357 LINER-LT1357 Datasheet
288Kb / 12P
   25MHz, 600V/us Op Amp
logo
Analog Devices
AD846 AD-AD846 Datasheet
513Kb / 12P
   450 V/us, Precision, Current-Feedback Op Amp
REV. C
logo
Linear Technology
LT1354 LINER-LT1354 Datasheet
296Kb / 12P
   12MHz, 400V/us Op Amp
LT1363 LINER-LT1363 Datasheet
251Kb / 12P
   70MHz, 1000V/us Op Amp
LT1360 LINER-LT1360 Datasheet
263Kb / 16P
   50MHz, 800V/us Op Amp
logo
National Semiconductor ...
CLC415 NSC-CLC415 Datasheet
338Kb / 6P
   Quad, Wideband Monolithic Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com