전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD844SQ 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD844SQ
상세설명  60 MHz, 2000 V/us Monolithic Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD844SQ 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD844SQ Datasheet HTML 7Page - Analog Devices AD844SQ Datasheet HTML 8Page - Analog Devices AD844SQ Datasheet HTML 9Page - Analog Devices AD844SQ Datasheet HTML 10Page - Analog Devices AD844SQ Datasheet HTML 11Page - Analog Devices AD844SQ Datasheet HTML 12Page - Analog Devices AD844SQ Datasheet HTML 13Page - Analog Devices AD844SQ Datasheet HTML 14Page - Analog Devices AD844SQ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. D
AD844
–11–
Noise
Noise sources can be modeled in a manner similar to the dc bias
currents, but the noise sources are INN, INP, VN, and the amplifier
induced noise at the output, VON, is:
V
ON =
((Inp R
P )
2 +Vn2)1+
R1
R2


2
+ (Inn R1)
2
Overall noise can be reduced by keeping all resistor values to a
minimum. With typical numbers, R1 = R2 = 1 k
Ω, RP = 0,
Vn = 2 nV/
√Hz, Inp = 10 pA/√Hz, Inn = 12 pA/√Hz, VON
calculates to 12 nV/
√Hz. The current noise is dominant in
this case, as it will be in most low gain applications.
Video Cable Driver Using
5 Volt Supplies
The AD844 can be used to drive low impedance cables. Using
±5 V supplies, a 100 Ω load can be driven to ± 2.5 V with low
distortion. Figure 11a shows an illustrative application which
provides a noninverting gain of 2, allowing the cable to be
reverse-terminated while delivering an overall gain of +1 to the
load. The –3 dB bandwidth of this circuit is typically 30 MHz.
Figure 11b shows a differential gain and phase test setup. In
video applications, differential-phase and differential-gain
characteristics are often important. Figure 11c shows the varia-
tion in phase as the load voltage varies. Figure 11d shows the
gain variation.
VIN
50
3
2
+5V
–5V
7
6
4
2.2 F
2.2 F
50
300
300
ZO = 50
VOUT
RL
50
Figure 11a. The AD844 as a Cable Driver
HP8753A
NETWORK
ANALYZER
HP11850C
SPLITTER
CIRCUIT
UNDER
TEST
HP3314A
STAIRCASE
GENERATOR
VOUT
VIN
VIN
OUT
OUT
OUT
IN
RF OUT
R
EXT
TRIG
SYNC OUT
50
(TERMINATOR)
OUT
470
Figure 11b. Differential Gain/Phase Test Setup Figure
VOUT – IRE
0.3
0.2
–0.3
018
90
36
54
72
0.1
0
–0.1
–0.2
IRE = 7.14mV
Figure 11c. Differential Phase for the Circuit of Figure 11a
VOUT – IRE
0.06
0.04
–0.06
0
18
90
36
54
72
0.02
0
–0.02
–0.04
IRE = 7.14mV
Figure 11d. Differential Gain for the Circuit of Figure 11a
High Speed DAC Buffer
The AD844 performs very well in applications requiring
current-to-voltage conversion. Figure 12 shows connections for
use with the AD568 current output DAC. In this application the
bipolar offset is used so that the full-scale current is
±5.12 mA,
which generates an output of
± 5.12 V usingdecoupling and
grounding techniques to achieve the full 12-bit accuracy and
realize the fast settling capabilities of the system. The unmarked
capacitors in this figure are 0.1
µF ceramic (for the 1 kΩ appli-
cation resistor on the AD568. Figure 13 shows the full-scale
transient response. Care is needed in power supply example,
AVX Type SR305C104KAA), and the ferrite inductors should
be about 2.5
µH (for example, Fair-Rite Type 2743002122).
The AD568 data sheet should be consulted for more complete
details about its use.
Applications–


유사한 부품 번호 - AD844SQ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD844SQ AD-AD844SQ Datasheet
493Kb / 12P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. C
AD844SQ AD-AD844SQ Datasheet
422Kb / 20P
   60 MHz 2000 V Monolithic Op Amp
Rev. F
AD844SQ/883B AD-AD844SQ/883B Datasheet
493Kb / 12P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. C
AD844SQ/883B AD-AD844SQ/883B Datasheet
422Kb / 20P
   60 MHz 2000 V Monolithic Op Amp
Rev. F
More results

유사한 설명 - AD844SQ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD844 AD-AD844 Datasheet
493Kb / 12P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. C
AD844ANZ AD-AD844ANZ Datasheet
422Kb / 20P
   60 MHz 2000 V Monolithic Op Amp
Rev. F
AD844 AD-AD844_15 Datasheet
422Kb / 20P
   60 MHz 2000 V/s Monolithic Op Amp
Rev. F
logo
Texas Instruments
TLV9051 TI1-TLV9051_19 Datasheet
2Mb / 50P
[Old version datasheet]   5-MHz, 15-V/us high slew-rate, RRIO op amp
logo
Linear Technology
LT1357 LINER-LT1357 Datasheet
288Kb / 12P
   25MHz, 600V/us Op Amp
logo
Analog Devices
AD846 AD-AD846 Datasheet
513Kb / 12P
   450 V/us, Precision, Current-Feedback Op Amp
REV. C
logo
Linear Technology
LT1354 LINER-LT1354 Datasheet
296Kb / 12P
   12MHz, 400V/us Op Amp
LT1363 LINER-LT1363 Datasheet
251Kb / 12P
   70MHz, 1000V/us Op Amp
LT1360 LINER-LT1360 Datasheet
263Kb / 16P
   50MHz, 800V/us Op Amp
logo
National Semiconductor ...
CLC415 NSC-CLC415 Datasheet
338Kb / 6P
   Quad, Wideband Monolithic Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com