전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BSM35GB120DLC 데이터시트(PDF) 7 Page - eupec GmbH

부품명 BSM35GB120DLC
부품 상세설명  vorlafige Daten preliminary data
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EUPEC [eupec GmbH]
홈페이지  http://www.eupec.com
Logo EUPEC - eupec GmbH

BSM35GB120DLC 데이터시트(HTML) 7 Page - eupec GmbH

  BSM35GB120DLC Datasheet HTML 1Page - eupec GmbH BSM35GB120DLC Datasheet HTML 2Page - eupec GmbH BSM35GB120DLC Datasheet HTML 3Page - eupec GmbH BSM35GB120DLC Datasheet HTML 4Page - eupec GmbH BSM35GB120DLC Datasheet HTML 5Page - eupec GmbH BSM35GB120DLC Datasheet HTML 6Page - eupec GmbH BSM35GB120DLC Datasheet HTML 7Page - eupec GmbH BSM35GB120DLC Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Technische Information / Technical Information
IGBT-Module
IGBT-Modules
BSM35GB120DLC
vorläufige Daten
preliminary data
t [sec]
i
1234
ri [K/kW] : IGBT
78,07
262,83
20,86
38,24
τ
i [sec]
: IGBT
0,009
0,045
0,073
0,229
ri [K/kW] : Diode
41,47
305,3
271,51
81,72
τ
i [sec]
: Diode
0,003
0,022
0,064
0,344
VCE [V]
Sicherer Arbeitsbereich (RBSOA)
Reverse bias safe operation area (RBSOA)
VGE = 15V, Rg = 22 Ohm, Tvj= 125°C
Transienter Wärmewiderstand
ZthJC = f (t)
Transient thermal impedance
0
10
20
30
40
50
60
70
80
0
200
400
600
800
1000
1200
1400
IC,Modul
IC,Chip
0,001
0,01
0,1
1
0,001
0,01
0,1
1
10
100
Zth:Diode
Zth:IGBT
7(8)
Datenblatt_BSM35GB120DLC.xls


유사한 부품 번호 - BSM35GB120DLC

제조업체부품명데이터시트부품 상세설명
Siemens Semiconductor Group
Siemens Semiconductor G...
BSM35GB120DN2 SIEMENS-BSM35GB120DN2 Datasheet
110Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Doubled diode area)
eupec GmbH
eupec GmbH
BSM35GB120DN2 EUPEC-BSM35GB120DN2 Datasheet
259Kb / 10P
   IGBT Power Module
More results

유사한 설명 - BSM35GB120DLC

제조업체부품명데이터시트부품 상세설명
OSRAM GmbH
OSRAM GmbH
LCWJNSH.PC-BRBT-5H7I-1 OSRAM-LCWJNSH.PC-BRBT-5H7I-1 Datasheet
2Mb / 20P
   Vorl채ufige Daten / Preliminary Data
List of Unclassifed Manufacturers
List of Unclassifed Man...
LWW5SG ETC1-LWW5SG Datasheet
178Kb / 15P
   Vorlaufige Daten Preliminary Data
OSRAM GmbH
OSRAM GmbH
LCW_JNSH.PC-203162 OSRAM-LCW_JNSH.PC-203162 Datasheet
2Mb / 21P
   Vorl채ufige Daten / Preliminary Data
Infineon Technologies AG
Infineon Technologies A...
FF6MR12W2M1B70 INFINEON-FF6MR12W2M1B70 Datasheet
536Kb / 8P
   Vorl채ufige Daten / Preliminary Data
datasheet V2.0 2020-05-11
List of Unclassifed Manufacturers
List of Unclassifed Man...
LBW5SG ETC1-LBW5SG Datasheet
200Kb / 14P
   Vorlaufige Daten Preliminary Data
OSRAM GmbH
OSRAM GmbH
LUWJNSH.EC-BRBT-5C8E-1 OSRAM-LUWJNSH.EC-BRBT-5C8E-1 Datasheet
2Mb / 18P
   Vorl채ufige Daten / Preliminary Data
Infineon Technologies AG
Infineon Technologies A...
FF11MR12W1M1B70 INFINEON-FF11MR12W1M1B70 Datasheet
514Kb / 8P
   Vorl채ufige Daten / Preliminary Data
datasheet V2.0 2020-05-11
OSRAM GmbH
OSRAM GmbH
LSGF971 OSRAM-LSGF971 Datasheet
63Kb / 7P
   Vorlaufige Daten / Preliminary Data
LGY870 OSRAM-LGY870 Datasheet
132Kb / 13P
   Vorlaufige Daten / Preliminary Data
LWV283 OSRAM-LWV283 Datasheet
521Kb / 15P
   White Hyper-Bright LED Vorlaufige Daten / Preliminary Data
More results


Html Pages

1  2  3  4  5  6  7  8 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com