전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSC2006 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 TSC2006
상세설명  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TSC2006 데이터시트(HTML) 4 Page - Texas Instruments

  TSC2006 Datasheet HTML 1Page - Texas Instruments TSC2006 Datasheet HTML 2Page - Texas Instruments TSC2006 Datasheet HTML 3Page - Texas Instruments TSC2006 Datasheet HTML 4Page - Texas Instruments TSC2006 Datasheet HTML 5Page - Texas Instruments TSC2006 Datasheet HTML 6Page - Texas Instruments TSC2006 Datasheet HTML 7Page - Texas Instruments TSC2006 Datasheet HTML 8Page - Texas Instruments TSC2006 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
www.ti.com
TSC2006
SBAS415A – JUNE 2007 – REVISED NOVEMBER 2007
ELECTRICAL CHARACTERISTICS (continued)
At TA = –40°C to +85°C, SNSVDD = VREF = +1.2V to +3.6V, I/OVDD = +1.2V to +3.6V, unless otherwise noted.
TSC2006
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT/OUTPUT
Logic family
CMOS
1.2V
≤ I/OVDD < 1.6V
0.7
× I/OVDD
I/OVDD + 0.3
V
VIH
1.6V
≤ I/OVDD ≤ 3.6V
0.7
× I/OVDD
I/OVDD + 0.3
V
1.2V
≤ I/OVDD < 1.6V
–0.3
0.2
× I/OVDD
V
VIL
1.6V
≤ I/OVDD ≤ 3.6V
–0.3
0.3
× I/OVDD
V
IIL
SCLK pin or CS pin
–1
1
µA
Logic level
CIN
10
pF
VOH
IOH = 2 TTL loads
I/OVDD – 0.2
I/OVDD
V
VOL
IOL = 2 TTL loads
0
0.2
V
ILEAK
Floating output
–1
1
µA
COUT
Floating output
10
pF
Data format
Straight Binary
POWER-SUPPLY REQUIREMENTS
Power-supply voltage
SNSVDD
Specified performance
1.2
3.6
V
I/OVDD(6)
1.2
SNSVDD
V
Filter off, M = W = 1, C[3:0] =
(1,0,0,0), RM = 1, CL[1:0] =
(0,1), cont AUX mode, fADC =
SNSVDD = I/OVDD = VREF = 1.6V
500
625
µA
2MHz, without reading data
register
TA = +25°C, filter on, M = 15,
SNSVDD = I/OVDD = VREF = 1.2V
233
µA
W = 7, PSM = 1, C[3:0] =
x
(0,0,0,0), RM = 1, CL[1:0] =
SNSVDD = I/OVDD = VREF = 1.6V
(0,1), BTD[2:0] = (1,0,1),
340
µA
x
50SSPS, MAVEX = MAVEY =
MAVEZ = 1, fADC = 2MHz,
SNSVDD = I/OVDD = VREF = 3.0V
745
µA
sensor drivers supply included
TA = +25°C, filter off, M = W =
SNSVDD = I/OVDD = VREF = 1.2V
215
µA
1, PSM = 1, C[3:0] = (0,0,0,0),
x
RM = 1, CL[1:0] = (0,1),
SNSVDD = I/OVDD = VREF = 1.6V
BTD[2:0] = (1,0,1), 50SSPS,
318
µA
x
MAVEX = MAVEY = MAVEZ
= 1, fADC = 2MHz, sensor
SNSVDD = I/OVDD = VREF = 3.0V
706
µA
drivers supply included
Quiescent supply current(7)(8)
TA = +25°C, filter off, M = W =
SNSVDD = I/OVDD = VREF = 1.2V
272
µA
1, C[3:0] = (0,1,0,1), RM = 1,
SNSVDD = I/OVDD = VREF = 1.6V
361
µA
CL[1:0] = (0,1), non-cont AUX
mode, fADC = 2MHz, fSCLK =
SNSVDD = I/OVDD = VREF = 3.0V
694
µA
5.5MHz
SNSVDD = I/OVDD = VREF = 1.2V,
348
µA
TA = +25°C, filter on, M = 7, W
~11.3kSPS effective rate
= 3, C[3:0] = (0,1,0,1), RM =
1, CL[1:0] = (0,1), MAVEAUX
SNSVDD = I/OVDD = VREF = 1.6V,
469
µA
= 1, non-cont AUX mode, fADC
~12.7kSPS effective rate
= 2MHz, fSCLK = 3.5MHz, full
SNSVDD = I/OVDD = VREF = 3.0V,
speed
894
µA
~13.3kSPS effective rate
SNSVDD = I/OVDD = VREF = 1.2V,
TA = +25°C, filter on, M = 7, W
36.0
µA
~1.17kSPS effective rate
= 3, C[3:0] = (0,1,0,1), RM =
1, CL[1:0] = (0,1), MAVEAUX
SNSVDD = I/OVDD = VREF = 1.6V,
= 1, non-cont AUX mode, fADC
43.2
µA
~1.17kSPS effective rate
= 2MHz, fSCLK = 3.5MHz,
reduced speed (8.2kSPS
SNSVDD = I/OVDD = VREF = 3.0V,
78.6
µA
equivalent rate)
~1.17kSPS effective rate
Power-down supply current
TA = +25°C, CS high, SCLK = 0, SNSVDD = I/OVDD = VREF = 1.6V
0.023
0.8
µA
(6)
I/OVDD must be
≤ SNSVDD.
(7)
Supply current from SNSVDD.
(8)
For detailed information on test condition parameter and bit settings, see the Digital Interface section.
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TSC2006


유사한 부품 번호 - TSC2006

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSC2006 TI1-TSC2006 Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2006IRTJR TI1-TSC2006IRTJR Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2006IRTJT TI1-TSC2006IRTJT Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2006IRTJTG4 TI1-TSC2006IRTJTG4 Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2006 TI1-TSC2006_14 Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
More results

유사한 설명 - TSC2006

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSC2006 TI1-TSC2006_14 Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008 TI-TSC2008_08 Datasheet
920Kb / 37P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008-Q1 TI1-TSC2008-Q1 Datasheet
881Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2005 BURR-BROWN-TSC2005 Datasheet
796Kb / 42P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
logo
Texas Instruments
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com