전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFB23N15DPBF 데이터시트(PDF) 10 Page - International Rectifier

부품명 IRFB23N15DPBF
상세설명  HEXFET짰Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFB23N15DPBF 데이터시트(HTML) 10 Page - International Rectifier

Back Button IRFB23N15DPBF Datasheet HTML 4Page - International Rectifier IRFB23N15DPBF Datasheet HTML 5Page - International Rectifier IRFB23N15DPBF Datasheet HTML 6Page - International Rectifier IRFB23N15DPBF Datasheet HTML 7Page - International Rectifier IRFB23N15DPBF Datasheet HTML 8Page - International Rectifier IRFB23N15DPBF Datasheet HTML 9Page - International Rectifier IRFB23N15DPBF Datasheet HTML 10Page - International Rectifier IRFB23N15DPBF Datasheet HTML 11Page - International Rectifier IRFB23N15DPBF Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
IRFB/IRFS/IRFSL23N15DPbF
10
www.irf.com
TO-262 Part Marking Information
TO-262 Package Outline
ASSE MB L Y
LOT CODE
RE CT IF IE R
INT E R N AT IONAL
AS S E MB L E D ON WW 19, 1997
N ote: "P " in as s embly line
pos ition indicates "L ead-F ree"
IN T H E ASSE MB L Y L INE "C"
LOGO
T H IS IS AN IR L 3103L
L OT COD E 1789
EXAMP L E :
LINE C
DAT E COD E
WE E K 19
YE AR 7 = 1997
PAR T N U MB E R
PAR T N U MB E R
LOGO
LOT CODE
ASSE MB L Y
INT E R N AT IONAL
RE CT IF IE R
PR OD U CT (OPT IONAL )
P = D E S IGN AT E S L E AD -F R E E
A = ASSE MB L Y SIT E CODE
W EEK 19
YE AR 7 = 1997
DAT E CODE
OR


유사한 부품 번호 - IRFB23N15DPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFB23N15DPBF IRF-IRFB23N15DPBF Datasheet
284Kb / 12P
   High frequency DC-DC converters
logo
VBsemi Electronics Co.,...
IRFB23N15DPBF VBSEMI-IRFB23N15DPBF Datasheet
1Mb / 8P
   N-Channel 150 V (D-S) MOSFET
More results

유사한 설명 - IRFB23N15DPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRL3715ZPBF IRF-IRL3715ZPBF Datasheet
273Kb / 13P
   HEXFET짰Power MOSFET
IRFZ44NSPBF IRF-IRFZ44NSPBF Datasheet
339Kb / 11P
   HEXFET짰Power MOSFET
IRF7821PBF IRF-IRF7821PBF Datasheet
285Kb / 10P
   HEXFET짰Power MOSFET
IRFP450NPBF IRF-IRFP450NPBF Datasheet
174Kb / 8P
   HEXFET짰Power MOSFET
IRFB4310PBF IRF-IRFB4310PBF Datasheet
381Kb / 12P
   HEXFET짰Power MOSFET
IRF7495PBF IRF-IRF7495PBF Datasheet
147Kb / 8P
   HEXFET짰Power MOSFET
IRFB3207PBF IRF-IRFB3207PBF Datasheet
383Kb / 12P
   HEXFET짰Power MOSFET
IRLI3705NPBF IRF-IRLI3705NPBF Datasheet
1Mb / 9P
   HEXFET짰Power MOSFET
IRLR8743PBF IRF-IRLR8743PBF Datasheet
369Kb / 11P
   HEXFET짰Power MOSFET
IRF9910PBF IRF-IRF9910PBF Datasheet
205Kb / 10P
   HEXFET짰Power MOSFET
IRF7316PBF IRF-IRF7316PBF Datasheet
203Kb / 7P
   HEXFET짰Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com