전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

QAK2G106JTP 데이터시트(PDF) 1 Page - Nichicon corporation

부품명 QAK2G106JTP
부품 상세설명  PLASTIC FILM CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NICHICON [Nichicon corporation]
홈페이지  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

QAK2G106JTP 데이터시트(HTML) 1 Page - Nichicon corporation

  QAK2G106JTP Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAT.8100V
PLASTIC FILM CAPACITORS
Non-inductive construction, compact size, metallized film capacitor with axial lead wires.
Highly reliable with self-healing property.
Minimum loss at high frequency.
Tape-wrapped and epoxy endfilled at both leads for superior mechanical strength and
humidity resistance.
High capacitance value, offering a wide variety of applications.
Adapted to the RoHS directive (2002/95/EC).
Applications
Filtering DC-blocking, coupling and so on of general communications equipment and use in
AC circuits for motor starting, charging / discharging, lighting, etc.
Some A.C. applications may cause capacitor failure, over
heating of the capacitors and/or discharge may be the
result. Please contact us about details for A.C. application.
AK
series (Tape-wrapped Axial Compact Type)
Metallized Polyester Film Capacitor
Drawing
Specifications
Category Temperature Range
Rated Voltage
Rated Capacitance Range
Capacitance Tolerance
Dielectric Loss Tangent
Insulation Resistance
Withstand Voltage
Encapsulation
– 40 ~ +85˚C
250, 400, 630VDC
0.1 ~ 10µF
± 5% (J), ± 10% (K)
1.0% or less (at 1kHz 20˚C)
C <
= 0.33µF : 9000 MΩ or more
C > 0.33µF : 3000
ΩF or more
Between Terminals
Rated Voltage
× 175%, 1 ~ 5 secs.
Between Terminals and Coverage
Rated Voltage
× 200%, 1 ~ 5 secs.
Adhesive polyester film, epoxy resin
Performance Characteristics
Item
Q
1
A
2
K
3
2
4
E
5
1
6
5
7
5
8
K
9
T
10
P
11
Configuration (TP:Polyester film,
Tinned CP wire)
Capacitance tolerance (J :
±5% K : ±10%)
Rated Capacitance (1.5
µF)
Rated voltage (250V)
Series name
Type
W
+2.0
–1.0
+1.5
–1.0
T
35MIN
35MIN
φd ± 0.05
H
±1.5
Dimensions
Unit : mm
Type numbering system (Example : 250V 1.5µF)
V(Code)
250VDC (2E)
400VDC (2G)
630VDC (2J)
Cap.(µF)
Size
TW
H
d
T
W
H
d
T
W
H
d
0.1
104
4.5
28.0
11.0
0.8
0.15
154
6.0
28.0
12.5
0.8
0.22
224
7.0
28.0
15.0
0.8
0.33
334
6.0
23.0
14.0
0.8
9.0
28.0
17.0
0.8
0.47
474
4.0
23.0
10.5
0.8
7.5
23.0
15.5
0.8
9.5
33.0
17.5
0.8
0.68
684
5.5
23.0
11.5
0.8
7.5
28.0
15.5
0.8
10.0
38.0
19.5
1.0
1.0
105
6.0
23.0
14.0
0.8
9.5
28.0
17.5
0.8
11.0
44.0
20.5
1.0
1.5
155
6.5
28.0
14.5
0.8
11.5
28.0
21.0
0.8
14.5
44.0
23.5
1.0
2.2
225
8.0
28.0
16.0
0.8
12.0
33.0
21.5
0.8
16.5
50.0
26.0
1.0
3.3
335
8.0
33.0
18.0
0.8
15.5
33.0
25.0
0.8
21.0
50.0
30.0
1.0
4.7
475
10.5
33.0
20.0
0.8
17.0
39.0
26.5
1.0
6.8
685
12.0
38.0
21.0
1.0
10.0
106
15.0
38.0
24.0
1.0
Code


유사한 설명 - QAK2G106JTP

제조업체부품명데이터시트부품 상세설명
Panasonic Semiconductor
Panasonic Semiconductor
ECWU1C124JC9 PANASONIC-ECWU1C124JC9 Datasheet
100Kb / 3P
   Plastic Film Capacitors
ECQJ0187XB PANASONIC-ECQJ0187XB Datasheet
193Kb / 2P
   Plastic Film Capacitors
ECQV1H103JL PANASONIC-ECQV1H103JL Datasheet
92Kb / 3P
   Plastic Film Capacitors
ECQU2A102MYY PANASONIC-ECQU2A102MYY Datasheet
68Kb / 2P
   Plastic Film Capacitors
Nichicon corporation
Nichicon corporation
QXK2E155KTP NICHICON-QXK2E155KTP Datasheet
56Kb / 1P
   PLASTIC FILM CAPACITORS
Panasonic Semiconductor
Panasonic Semiconductor
ECQ-E2225KF PANASONIC-ECQ-E2225KF Datasheet
352Kb / 19P
   Plastic Film Capacitors
ECH-U1C152JX5 PANASONIC-ECH-U1C152JX5 Datasheet
395Kb / 10P
   Plastic Film Capacitors
ECH-U1C683GX5 PANASONIC-ECH-U1C683GX5 Datasheet
395Kb / 10P
   Plastic Film Capacitors
ECHU1C101X5 PANASONIC-ECHU1C101X5_16 Datasheet
65Kb / 2P
   Plastic Film Capacitors
Nichicon corporation
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
Panasonic Semiconductor
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
More results


Html Pages

1 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz