전자부품 데이터시트 검색엔진 |
|
CB1SMU4915533290653 데이터시트(PDF) 1 Page - Bookham, Inc. |
|
CB1SMU4915533290653 데이터시트(HTML) 1 Page - Bookham, Inc. |
1 / 3 page D 100GHz WDM Filter Components for OADM Features • 27.5GHz and 50GHz clear channel passbands • ITU and custom wavelengths • Deep reflection isolation for OADM • Accurate wavelength centering • High adjacent channel transmission isolation • Low express channel loss • Flat transmission passband for cascading • Excellent temperature stability Options • Custom wavelength • L-Band available • Low chromatic dispersion version • Compact packaging: 3.2mm diameter • Rugged packaging Applications • Add/drop multiplexing • Metro and long-haul WDM Compliance • GR-1221 qualified • RoHS compliant (5/6) Bookham narrowband filters leverage the proprietary Advanced Energetic Deposition (AED) process to produce the industry’s best banded filter solution. The AED process features state-of-the-art layer thickness control to produce thin-film interference filters that are unparalleled for optical add/drop multiplexing (OADM) WDM applications. A range of 100GHz single channel filters are available. 100 Standard This product is intended for construction of multiplexer and demultiplexer systems. It provides high performance and lowest cost. 100 OADM This product features improved performance for reflection isolation, transmission isolation and chromatic dispersion. This part is designed for more demanding applications such as channel by channel optical add/drop multiplexing or lower chromatic dispersion mux/demux designs. 100 Wide-Top This product features the widest available clear channel width. Wider clear channel provides for less rounding of the channel passband after the cascading of filters. The wider clear channel also allows for the wider spectral width of high-chirp lasers or 40Gb/s modulation rates. Standard 5.5mm diameter packaging is available with the boot/length specification needed to meet your application. The optional compact packaging has diameter of only 3.2mm. All Bookham filter components are Telcordia GR-1221 qualified and 5/6 RoHS compliant. |
유사한 부품 번호 - CB1SMU4915533290653 |
|
유사한 설명 - CB1SMU4915533290653 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |