전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF392 데이터시트(PDF) 3 Page - TRANSYS Electronics Limited

부품명 BF392
상세설명  NPN SILICON HILGH VOLTAGE VIDEO TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEL [TRANSYS Electronics Limited]
홈페이지  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

BF392 데이터시트(HTML) 3 Page - TRANSYS Electronics Limited

  BF392 Datasheet HTML 1Page - TRANSYS Electronics Limited BF392 Datasheet HTML 2Page - TRANSYS Electronics Limited BF392 Datasheet HTML 3Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BF391
BF392
BF393
TO-92
Plastic Package
TO-92 Transistors on Tape and Ammo Pack
TO-92 Plastic Package
F
F
3 2 1
All diminsions in mm.
DIM
MIN.
MAX.
A
4.32
5.33
B
4.45
5.20
C
3.18
4.19
D
0.41
0.55
E
0.35
0.50
F5 DEG
G
1.14
1.40
H
1.14
1.53
2.082
K
L
12.70
1.982
PIN CONFIGURATION
1. COLLECTOR
2. BASE
3. EMITTER
B
D
AA
SEC AA
G
D
3
2 1
1
2
3
CUMULATIVE PITCH
ERROR 1.0 mm/20
PITCH
TO BE MEASURED AT
BOTTOM OF CLINCH
AT TOP OF BODY
t1 0.3 - 0.6
BODY WIDTH
BODY HEIGHT
BODY THICKNESS
PITCH OF COMPONENT
FEED HOLE PITCH
FEED HOLE CENTRE TO
COMPONENT CENTRE
DISTANCE BETWEEN OUTER
LEADS
COMPONENT ALIGNMENT
TAPE WIDTH
HOLD-DOWN TAPE WIDTH
HOLE POSITION
HOLD-DOWN TAPE POSITION
LEAD WIRE CLINCH HEIGHT
COMPONENT HEIGHT
LENGTH OF SNIPPED LEADS
FEED HOLE DIAMETER
TOTAL TAPE THICKNESS
LEAD - TO - LEAD DISTANCEF1,
CLINCH HEIGHT
PULL - OUT FORCE
ITEM
A1
A
T
P
Po
P2
F
h
W
Wo
W1
W2
Ho
H1
L
Do
t
F2
H2
(P)
SYMBOL
SPECIFICATION
4.0
4.8
3.9
6N
MIN.
12.7
12.7
6.35
5.08
0
18
6
9
0.5
16
4
2.54
NOM.
4.8
5.2
4.2
1
23.25
11.0
1.2
3
MAX.
±1
±0.3
±0.4
+0.6
-0.2
±0.5
±0.2
+0.7
-0.5
±0.2
±0.5
±0.2
+0.4
-0.1
TOL .
REMARKS
NOTES
1. MAXIMUM ALIGNMENT DEVIATION BETWEEN LEADS NOT TO BE GREATER THAN 0.2 mm.
2. MAXIMUM NON-CUMULATIVE VARIATION BETWEEN TAPE FEED HOLES SHALL NOT EXCEED 1 mm IN 20
PITCHES.
3. HOLDDOWN TAPE NOT TO EXCEED BEYOND THE EDGE(S) OF CARRIER TAPE AND THERE SHALL BE NO
EXPOSURE OF ADHESIVE.
4. NO MORE THAN 3 CONSECUTIVE MISSING COMPONENTS ARE PERMITTED.
5. A TAPE TRAILER, HAVING AT LEAST THREE FEED HOLES ARE REQUIRED AFTER THE LAST COMPONENT.
6. SPLICES SHALL NOT INTERFERE WITH THE SPROCKET FEED HOLES.
All dimensions in mm unless specified otherwise
Ammo Pack Style
Adhesive Tape on Top Side
FLAT SIDE
MECHANICAL DATA
T
t1
t
F1
F2
F
P2
Po
Do
(p)
W2
Wo
W1
W
H1
A
A1
P
H0
L
Flat Side of Transistor and
Adhesive Tape Visible
2000 pcs./Ammo Pack
LABEL
Carrier
Strip
183
mm
331
mm
FEE
D
42
mm
h
h
TO-92 Bulk
TO-92 T&A
1K/polybag
2K/ammo box
200 gm/1K pcs
645 gm/2K pcs
3" x 7.5" x 7.5"
12.5" x 8" x 1.8"
5K
2K
17" x 15" x 13.5"
17" x 15" x 13.5"
80K
32K
23 kgs
12.5 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail


유사한 부품 번호 - BF392

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BF392 MOTOROLA-BF392 Datasheet
116Kb / 4P
   High Voltage Transistors(NPN)
logo
Micro Electronics
BF392 MICRO-ELECTRONICS-BF392 Datasheet
139Kb / 2P
   NPN HIGH VOLTAGE VIDEO AMPLIFIERS
logo
Continental Device Indi...
BF392 CDIL-BF392 Datasheet
72Kb / 4P
   NPN SILICON HILGH VOLTAGE VIDEO TRANSISTORS
logo
New Jersey Semi-Conduct...
BF392 NJSEMI-BF392 Datasheet
78Kb / 2P
   NPN Silicon Planar High Voltage Transistors
logo
List of Unclassifed Man...
BF392 ETC-BF392 Datasheet
301Kb / 1P
   PNP OUTPUT TRANSISTOR
More results

유사한 설명 - BF392

제조업체부품명데이터시트상세설명
logo
Continental Device Indi...
BF391 CDIL-BF391 Datasheet
72Kb / 4P
   NPN SILICON HILGH VOLTAGE VIDEO TRANSISTORS
BF420 CDIL-BF420 Datasheet
151Kb / 4P
   NPN SILICON PLANAR EPITAXIAL HIGH VOLTAGE VIDEO TRANSISTORS
logo
TRANSYS Electronics Lim...
BF420 TEL-BF420 Datasheet
86Kb / 3P
   NPN SILICON PLANAR EPITAXIAL HIGH VOLTAGE VIDEO TRANSISTORS
logo
NXP Semiconductors
BFQ262 PHILIPS-BFQ262 Datasheet
66Kb / 12P
   NPN video transistors
1997 Oct 02
BFQ236 PHILIPS-BFQ236 Datasheet
56Kb / 8P
   NPN video transistors
1997 Oct 02
BFQ232 PHILIPS-BFQ232 Datasheet
63Kb / 8P
   NPN video transistors
1997 Oct 02
BFQ231 PHILIPS-BFQ231 Datasheet
63Kb / 8P
   NPN video transistors
1997 Oct 02
logo
NTE Electronics
NTE191 NTE-NTE191 Datasheet
23Kb / 2P
   Silicon Complementary Transistors High Voltage Video Amplifier
logo
Infineon Technologies A...
BFN16 INFINEON-BFN16 Datasheet
47Kb / 5P
   NPN Silicon High-Voltage Transistors
Nov-30-2001
logo
Leshan Radio Company
MMBTA42LT1 LRC-MMBTA42LT1 Datasheet
102Kb / 3P
   High Voltage Transistors(NPN Silicon)
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com