전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC2G14 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 74HC2G14
상세설명  Dual inverting Schmitt trigger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC2G14 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button 74HC2G14 Datasheet HTML 4Page - NXP Semiconductors 74HC2G14 Datasheet HTML 5Page - NXP Semiconductors 74HC2G14 Datasheet HTML 6Page - NXP Semiconductors 74HC2G14 Datasheet HTML 7Page - NXP Semiconductors 74HC2G14 Datasheet HTML 8Page - NXP Semiconductors 74HC2G14 Datasheet HTML 9Page - NXP Semiconductors 74HC2G14 Datasheet HTML 10Page - NXP Semiconductors 74HC2G14 Datasheet HTML 11Page - NXP Semiconductors 74HC2G14 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
74HC_HCT2G14_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 11 October 2006
8 of 19
NXP Semiconductors
74HC2G14; 74HCT2G14
Dual inverting Schmitt trigger
13. Waveforms
Measurement points are given in Table 10.
VOL and VOH are typical voltage output drop that occur with the output load.
Fig 5.
The data input (nA) to output (nY) propagation delays and output transition times
mna722
tPLH
tPHL
VM
VM
90%
10%
VM
VM
nY output
nA input
VI
GND
VOH
VOL
tTLH
tTHL
Table 10.
Measurement points
Type
Input
Output
VM
VI
tr = tf
VM
74HC2G14
0.5VCC
GND to VCC
6.0 ns
0.5VCC
74HCT2G14
1.3 V
GND to 3.0 V
6.0 ns
1.3 V
Test data is given in Table 11.
Definitions test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
Fig 6.
Load circuitry for switching times
mgk563
D.U.T
VCC
VCC
VI
VO
RT
RL = 1 kΩ
CL
50 pF
open
PULSE
GENERATOR
Table 11.
Test data
Type
Input
Test
VI
tr, tf
tPHL, tPLH
74HC2G14
GND to VCC
6 ns
open
74HCT2G14
GND to 3.0 V
6 ns
open


유사한 부품 번호 - 74HC2G14

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC2G14 PHILIPS-74HC2G14 Datasheet
71Kb / 17P
   Inverting Schmitt-triggers
2003 May 1
logo
Nexperia B.V. All right...
74HC2G14 NEXPERIA-74HC2G14 Datasheet
260Kb / 16P
   Dual inverting Schmitt trigger
Rev. 3 - 28 January 2022
74HC2G14-Q100 NEXPERIA-74HC2G14-Q100 Datasheet
803Kb / 21P
   Dual inverting Schmitt trigger
logo
NXP Semiconductors
74HC2G14GV PHILIPS-74HC2G14GV Datasheet
71Kb / 17P
   Inverting Schmitt-triggers
2003 May 1
logo
Nexperia B.V. All right...
74HC2G14GV NEXPERIA-74HC2G14GV Datasheet
260Kb / 16P
   Dual inverting Schmitt trigger
Rev. 3 - 28 January 2022
More results

유사한 설명 - 74HC2G14

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC_HCT2G14 PHILIPS-74HC_HCT2G14_15 Datasheet
141Kb / 21P
   Dual inverting Schmitt trigger
Rev. 2-14 March 2014
logo
Nexperia B.V. All right...
74HC2G14 NEXPERIA-74HC2G14 Datasheet
260Kb / 16P
   Dual inverting Schmitt trigger
Rev. 3 - 28 January 2022
74HC2G14-Q100 NEXPERIA-74HC2G14-Q100 Datasheet
803Kb / 21P
   Dual inverting Schmitt trigger
logo
NXP Semiconductors
74HC2G17 PHILIPS-74HC2G17 Datasheet
96Kb / 18P
   Dual non-inverting Schmitt trigger
Rev. 01-6 October 2006
74HC_HCT2G17 PHILIPS-74HC_HCT2G17_15 Datasheet
104Kb / 18P
   Dual non-inverting Schmitt trigger
Rev. 01-6 October 2006
logo
Nexperia B.V. All right...
74HC2G17 NEXPERIA-74HC2G17 Datasheet
252Kb / 15P
   Dual non-inverting Schmitt trigger
Rev. 2 - 2 February 2022
74HC2G17-Q100 NEXPERIA-74HC2G17-Q100 Datasheet
721Kb / 19P
   Dual non-inverting Schmitt trigger
logo
NXP Semiconductors
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com