전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HCT2G14 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 74HCT2G14
상세설명  Dual inverting Schmitt trigger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT2G14 데이터시트(HTML) 5 Page - NXP Semiconductors

  74HCT2G14 Datasheet HTML 1Page - NXP Semiconductors 74HCT2G14 Datasheet HTML 2Page - NXP Semiconductors 74HCT2G14 Datasheet HTML 3Page - NXP Semiconductors 74HCT2G14 Datasheet HTML 4Page - NXP Semiconductors 74HCT2G14 Datasheet HTML 5Page - NXP Semiconductors 74HCT2G14 Datasheet HTML 6Page - NXP Semiconductors 74HCT2G14 Datasheet HTML 7Page - NXP Semiconductors 74HCT2G14 Datasheet HTML 8Page - NXP Semiconductors 74HCT2G14 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
74HC_HCT2G14_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 11 October 2006
5 of 19
NXP Semiconductors
74HC2G14; 74HCT2G14
Dual inverting Schmitt trigger
Tamb = −40 °C to +85 °C
VOH
HIGH-level output voltage
VI = VIH or VIL
IO = −20 µA; VCC = 2.0 V
1.9
-
-
V
IO = −20 µA; VCC = 4.5 V
4.4
-
-
V
IO = −20 µA; VCC = 6.0 V
5.9
-
-
V
IO = −4.0 mA; VCC = 4.5 V
4.13
-
-
V
IO = −5.2 mA; VCC = 6.0 V;
5.63
-
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 20 µA; VCC = 2.0 V
-
-
0.1
V
IO = 20 µA; VCC = 4.5 V
-
-
0.1
V
IO = 20 µA; VCC = 6.0 V
-
-
0.1
V
IO = 4.0 mA; VCC = 4.5 V
-
-
0.33
V
IO = 5.2 mA; VCC = 6.0 V
-
-
0.33
V
II
input leakage current
VI = GND or VCC; VCC = 6.0 V
-
-
±1.0
µA
ICC
supply current
VI = GND or VCC; IO = 0 µA;
VCC = 6.0 V
-
-
10.0
µA
Tamb = −40 °C to +125 °C
VOH
HIGH-level output voltage
VI = VIH or VIL
IO = −20 µA; VCC = 2.0 V
1.9
-
-
V
IO = −20 µA; VCC = 4.5 V
4.4
-
-
V
IO = −20 µA; VCC = 6.0 V
5.9
-
-
V
IO = −4.0 mA; VCC = 4.5 V
3.7
-
-
V
IO = −5.2 mA; VCC = 6.0 V;
5.2
-
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 20 µA; VCC = 2.0 V
-
-
0.1
V
IO = 20 µA; VCC = 4.5 V
-
-
0.1
V
IO = 20 µA; VCC = 6.0 V
-
-
0.1
V
IO = 4.0 mA; VCC = 4.5 V
-
-
0.4
V
IO = 5.2 mA; VCC = 6.0 V
-
-
0.4
V
II
input leakage current
VI = GND or VCC; VCC = 6.0 V
-
-
±1.0
µA
ICC
supply current
VI = GND or VCC; IO = 0 µA;
VCC = 6.0 V
-
-
20.0
µA
Table 7.
Static characteristics for 74HC2G14 …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


유사한 부품 번호 - 74HCT2G14

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74HCT2G14 NEXPERIA-74HCT2G14 Datasheet
260Kb / 16P
   Dual inverting Schmitt trigger
Rev. 3 - 28 January 2022
logo
NXP Semiconductors
74HCT2G14GV PHILIPS-74HCT2G14GV Datasheet
71Kb / 17P
   Inverting Schmitt-triggers
2003 May 1
logo
Nexperia B.V. All right...
74HCT2G14GV NEXPERIA-74HCT2G14GV Datasheet
260Kb / 16P
   Dual inverting Schmitt trigger
Rev. 3 - 28 January 2022
74HCT2G14GV-Q100 NEXPERIA-74HCT2G14GV-Q100 Datasheet
803Kb / 21P
   Dual inverting Schmitt trigger
logo
NXP Semiconductors
74HCT2G14GW PHILIPS-74HCT2G14GW Datasheet
71Kb / 17P
   Inverting Schmitt-triggers
2003 May 1
More results

유사한 설명 - 74HCT2G14

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC_HCT2G14 PHILIPS-74HC_HCT2G14_15 Datasheet
141Kb / 21P
   Dual inverting Schmitt trigger
Rev. 2-14 March 2014
logo
Nexperia B.V. All right...
74HC2G14 NEXPERIA-74HC2G14 Datasheet
260Kb / 16P
   Dual inverting Schmitt trigger
Rev. 3 - 28 January 2022
74HC2G14-Q100 NEXPERIA-74HC2G14-Q100 Datasheet
803Kb / 21P
   Dual inverting Schmitt trigger
logo
NXP Semiconductors
74HC2G17 PHILIPS-74HC2G17 Datasheet
96Kb / 18P
   Dual non-inverting Schmitt trigger
Rev. 01-6 October 2006
74HC_HCT2G17 PHILIPS-74HC_HCT2G17_15 Datasheet
104Kb / 18P
   Dual non-inverting Schmitt trigger
Rev. 01-6 October 2006
logo
Nexperia B.V. All right...
74HC2G17 NEXPERIA-74HC2G17 Datasheet
252Kb / 15P
   Dual non-inverting Schmitt trigger
Rev. 2 - 2 February 2022
74HC2G17-Q100 NEXPERIA-74HC2G17-Q100 Datasheet
721Kb / 19P
   Dual non-inverting Schmitt trigger
logo
NXP Semiconductors
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com