전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29LV008B-90RECB 데이터시트(PDF) 6 Page - Advanced Micro Devices

부품명 AM29LV008B-90RECB
상세설명  8 Megabit (1,048,576 x 8-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV008B-90RECB 데이터시트(HTML) 6 Page - Advanced Micro Devices

Back Button AM29LV008B-90RECB Datasheet HTML 2Page - Advanced Micro Devices AM29LV008B-90RECB Datasheet HTML 3Page - Advanced Micro Devices AM29LV008B-90RECB Datasheet HTML 4Page - Advanced Micro Devices AM29LV008B-90RECB Datasheet HTML 5Page - Advanced Micro Devices AM29LV008B-90RECB Datasheet HTML 6Page - Advanced Micro Devices AM29LV008B-90RECB Datasheet HTML 7Page - Advanced Micro Devices AM29LV008B-90RECB Datasheet HTML 8Page - Advanced Micro Devices AM29LV008B-90RECB Datasheet HTML 9Page - Advanced Micro Devices AM29LV008B-90RECB Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6
Am29LV008T/Am29LV008B
PRELIMINARY
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combi-
nation) is formed by a combination of the elements below.
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
DEVICE NUMBER/DESCRIPTION
Am29LV008
8 Megabit (1 M x 8-Bit) CMOS Flash Memory
3.0 Volt-only Program and Erase
OPTIONAL PROCESSING
Blank = Standard Processing
B = Burn-in
TEMPERATURE RANGE
C = Commercial (0
°C to +70°C)
I = Industrial (–40
°C to +85°C)
E = Extended (–55
°C to +125°C)
PACKAGE TYPE
E = 40-Pin Thin Small Outline Package (TSOP)
Standard Pinout (TS 040)
F = 40-Pin Thin Small Outline Package (TSOP)
Reverse Pinout (TSR040)
SPEED OPTION
-xxx =
2.7 to 3.6 V VCC
-xxR =
3.0 to 3.6 V VCC
See Product Selector Guide and Valid Combinations
C
E
-90R
Am29LV008
T
BOOT CODE SECTOR ARCHITECTURE
T = Top Sector
B = Bottom Sector
Valid Combinations
Am29LV008T-90R,
Am29LV008B-90R
VCC = 3.0–3.6 V
EC, EI, FC, FI
Am29LV008T-100,
Am29LV008B-100
EC, EI, EE, EEB,
FC, FI, FE, FEB
Am29LV008T-120,
Am29LV008B-120
Am29LV008T-150,
Am29LV008B-150


유사한 부품 번호 - AM29LV008B-90RECB

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM29LV008B AMD-AM29LV008B Datasheet
492Kb / 38P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV008B AMD-AM29LV008B Datasheet
716Kb / 41P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV008BB-120EC AMD-AM29LV008BB-120EC Datasheet
492Kb / 38P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV008BB-120EC AMD-AM29LV008BB-120EC Datasheet
716Kb / 41P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV008BB-120ECB AMD-AM29LV008BB-120ECB Datasheet
492Kb / 38P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

유사한 설명 - AM29LV008B-90RECB

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM29LV800T AMD-AM29LV800T Datasheet
207Kb / 48P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
AM29F800T AMD-AM29F800T Datasheet
250Kb / 41P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29LV008B AMD-AM29LV008B Datasheet
492Kb / 38P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV081 AMD-AM29LV081 Datasheet
439Kb / 35P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV008B AMD-AM29LV008B_06 Datasheet
716Kb / 41P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV081B AMD-AM29LV081B_06 Datasheet
952Kb / 40P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800C EON-EN29LV800C_11 Datasheet
407Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
Advanced Micro Devices
AM29LV081B AMD-AM29LV081B Datasheet
39Kb / 6P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Sector Erase Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com