전자부품 데이터시트 검색엔진 |
|
1N5236B 데이터시트(PDF) 3 Page - First Components International |
|
1N5236B 데이터시트(HTML) 3 Page - First Components International |
3 / 3 page Data Sheet ½ Watt ZENER DIODES (2.4V to 200V) °C NOTES: 1. For 10% Tolerance on Zener Voltage, Specify Suffix A. For 5% Tolerance, Specify Suffix B. (Example: 1N5230B = 4.7V +/- 5%) 2. T A = 25 unless otherwise specified. Measurements made at Thermal Equilibrium. Test Current I ZT (mA) Max. Zener Impedance Max. Reverse Leakage Current @ V R Z ZT @ IZT (Ω) Z ZK @ IZK = 0.25mA (Ω) Part # Jedec Type # I R (µA) V R (V) Lead Length = .375". Thermal Resistance of Heat Sink = 30 / W, V F = 1.1V Max. @ IF = 200mA °C Electrical Characteristics @ 25OC. 1N5256A or B 1N5257A or B 1N5258A or B 1N5259A or B 1N5260A or B 1N5261A or B 1N5262A or B 1N5263A or B 1N5264A or B 1N5265A or B 1N5266A or B 1N5267A or B 1N5268A or B 1N5269A or B 1N5270A or B 1N5271A or B 1N5272A or B 1N5273A or B 1N5274A or B 1N5275A or B 1N5276A or B 1N5277A or B 1N5278A or B 1N5279A or B 1N5280A or B 1N5281A or B 30 33 36 39 43 47 51 56 60 62 68 75 82 87 91 100 110 120 130 140 150 160 170 180 190 200 4.2 3.8 3.4 3.2 3.0 2.7 2.5 2.2 2.1 2.0 1.8 1.7 1.5 1.4 1.4 1.3 1.1 1.0 0.95 0.9 0.85 0.8 0.74 0.68 0.66 0.65 49 58 70 80 93 105 125 150 170 185 230 270 330 370 400 500 750 900 1100 1300 1500 1700 1900 2200 2400 2500 600 700 700 800 900 1000 1100 1300 1400 1400 1600 1700 2000 2200 2300 2600 3000 4000 4500 4500 5000 5500 5500 6000 6500 7000 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 23 25 27 30 33 36 39 43 46 47 52 56 62 68 69 76 84 91 99 106 114 122 129 137 144 152 + 0.091 + 0.092 + 0.093 + 0.094 + 0.095 + 0.095 + 0.096 + 0.096 + 0.097 + 0.097 + 0.097 + 0.098 + 0.098 + 0.099 + 0.099 + 0.11 + 0.11 + 0.11 + 0.11 + 0.11 + 0.11 + 0.11 + 0.11 + 0.11 + 0.11 + 0.11 Nominal Zener Voltage, V Z (V) Max. Zener Voltage Temp. Coeff. (% /oC) Page 12-4 |
유사한 부품 번호 - 1N5236B |
|
유사한 설명 - 1N5236B |