전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

QESM05 데이터시트(PDF) 4 Page - TEMEX

부품명 QESM05
부품 상세설명  SMD 5.0x3.2 Crystal - Ceramic SMD packaged
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEMEX [TEMEX]
홈페이지  http://www.temex.com
Logo TEMEX - TEMEX

QESM05 데이터시트(HTML) 4 Page - TEMEX

  QESM05 Datasheet HTML 1Page - TEMEX QESM05 Datasheet HTML 2Page - TEMEX QESM05 Datasheet HTML 3Page - TEMEX QESM05 Datasheet HTML 4Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
QESM05
SMD 5.0x3.2 Crystal – Ceramic SMD packaged
Specification (rev-C)
September 01
th, 2006
3
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
Freque ncy
Item
Code
Dimension
Tolerance
Pitch of components
P
8.0
± 0.1
Pitch of sprocket hole
Po
4.0
± 0.1
Length from hole center to component center
P1
2.0
± 0.1
Width of carrier tape
W
12.0
± 0.3
Width of adhesive tape
W0
5.5
± 0.1
Height of component hole
A
5.5
± 0.1
Width of component hole
B
4.7
± 0.1
Gap of hold down tape and carrier tape
W2
1.75
± 0.1
Diameter of sprocket hole
Do
∅ 1.5
± 0.05
Diameter of feed hole
D1
∅ 1.5
± 0.25
Total of tape thickness
K
1.5
± 0.1
Tape Drawing
Reel Drawing
1.6
13.5
Ø13.5
Ø21.6
2.5
Multiple : 1Kpcs per Reel
Unit : mm


유사한 부품 번호 - QESM05

제조업체부품명데이터시트부품 상세설명
TEMEX
TEMEX
QESM052 TEMEX-QESM052 Datasheet
567Kb / 4P
   SMD 5.0x3.2 Crystal - Ceramic SMD 2 pads packaged
More results

유사한 설명 - QESM05

제조업체부품명데이터시트부품 상세설명
TEMEX
TEMEX
QESM052 TEMEX-QESM052 Datasheet
567Kb / 4P
   SMD 5.0x3.2 Crystal - Ceramic SMD 2 pads packaged
QESM01 TEMEX-QESM01 Datasheet
474Kb / 4P
   SMD 7.0x5.0 Crystal - Ceramic SMD packaged
QESM04 TEMEX-QESM04 Datasheet
583Kb / 4P
   SMD 6.0x3.5 Crystal - Ceramic SMD packaged
QESM07 TEMEX-QESM07 Datasheet
463Kb / 4P
   SMD 3.2x2.5 Crystal -Ceramic SMD packaged
QESM06 TEMEX-QESM06 Datasheet
439Kb / 4P
   SMD 4.0x2.5 Crystal - Ceramic SMD packaged
TAI-SAW TECHNOLOGY CO., LTD.
TAI-SAW TECHNOLOGY CO.,...
TW0129A TAI-SAW-TW0129A Datasheet
202Kb / 5P
   SMD 5.0x3.2 11.2896MHz Crystal Oscillator
TW0227A TAI-SAW-TW0227A Datasheet
191Kb / 5P
   SMD 5.0x3.2 40MHz Crystal Oscillator
TW0237A TAI-SAW-TW0237A Datasheet
209Kb / 5P
   SMD 5.0x3.2 13MHz Crystal Oscillator
TW0242A TAI-SAW-TW0242A Datasheet
209Kb / 5P
   SMD 5.0x3.2 38.4MHz Crystal Oscillator
TW0266A TAI-SAW-TW0266A Datasheet
376Kb / 7P
   SMD 5.0x3.2 30MHz Crystal Oscillator
More results


Html Pages

1  2  3  4 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com