전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA14A 데이터시트(PDF) 1 Page - First Components International

부품명 SA14A
상세설명  5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FCI [First Components International]
홈페이지  http://www.cotra.com.tw/
Logo FCI - First Components International

SA14A 데이터시트(HTML) 1 Page - First Components International

  SA14A Datasheet HTML 1Page - First Components International SA14A Datasheet HTML 2Page - First Components International SA14A Datasheet HTML 3Page - First Components International SA14A Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Description
Features
n 500 WATT PEAK POWER PROTECTION
n EXCELLENT CLAMPING CAPABILITY
n FAST RESPONSE TIME
Mechanical Dimensions
n TYPICAL I
R < 1µA ABOVE 10V
n GLASSPASSIVATEDCHIPCONSTRUCTION
n MEETS UL SPECIFICATION 94V-0
Maximum Ratings
Peak Power Dissipation...P
PK
T
P = 1ms (Note 5)
Steady State Power Dissipation...P
D
@ T
L = 75°C
Non-Repetitive Peak Forward Surge Current...I
FSM
@RatedLoadConditions,8.3ms,½SineWave,SinglePhase
(Note 3)
Forward Voltage @ 50A...V
F
(Undirectional Only)
Weight...G
RM
Soldering Requirements (Time & Temp)...S
T
@ 300°C
Operating & Storage Temperature Range...T
J, TSTRG
SA5.0...170
Data Sheet
5.0V to 170V GPP TRANSIENT
VOLTAGE SUPPRESSORS
Units
Watts
Watts
Amps
Volts
Grams
......................................... 500 Min. ..........................................
............................................. 1 ...............................................
............................................. 70 ...............................................
............................................. 3.5 ...............................................
............................................. 0.4 ...............................................
............................................. 10 Sec. ...........................................
......................................... -55 to 175 ..........................................
°C
Page 11-6
Min. to
Solder
NOTES: 1. For Bi-Directional Applications, Use C or CA. Electrical Characteristics Apply in Both Directions.
2. Lead Length .375 Inches.
3. 8.3 ms, ½ Sine Wave, Single Phase Duty Cycle, @ 4 Pulses Per Minute Maximum.
4. V
BR Measured After IT Applies for 300 µs. IT = Square Wave Pulse or Equivalent.
5. Non-Repetitive Current Pulse. Per Fig. 3 and Derated Above T
A = 25°C per Fig. 2.
Uni-Polar
Load
TVS
Device
TVS
Device
Load
Bi-Polar
.240
.255
1.00 Min.
.031 typ.
.120
.140
JEDEC
204-AC


유사한 부품 번호 - SA14A

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
SA14A MOTOROLA-SA14A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Microdiode Electronics ...
SA14A CHENDA-SA14A Datasheet
479Kb / 3P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
SA14A TSC-SA14A Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Littelfuse
SA14A LITTELFUSE-SA14A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SA14A SOCAY-SA14A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

유사한 설명 - SA14A

제조업체부품명데이터시트상세설명
logo
First Components Intern...
SMCJ5.0 FCI-SMCJ5.0 Datasheet
161Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
SMAJ5.0 FCI-SMAJ5.0 Datasheet
179Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
SMBJ5.0 FCI-SMBJ5.0 Datasheet
186Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
5KP FCI-5KP Datasheet
187Kb / 4P
   5.0V to 110V GPP TRANSIENT VOLTAGE SUPPRESSORS
P6KE FCI-P6KE Datasheet
177Kb / 4P
   6.8V to 200V GPP TRANSIENT VOLTAGE SUPPRESSORS
1.5KE FCI-1.5KE Datasheet
180Kb / 4P
   6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
P4KE FCI-P4KE Datasheet
165Kb / 4P
   6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
1.5KE FCI-1.5KE_1 Datasheet
236Kb / 4P
   6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
UN Semiconducctor INC
TPSMBJ UNSEMI-TPSMBJ Datasheet
2Mb / 6P
   11 To 170V 600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Rectron Semiconductor
T4ARBU405M RECTRON-T4ARBU405M Datasheet
285Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS GPP BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com