전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ12A 데이터시트(PDF) 3 Page - First Components International

부품명 SMAJ12A
상세설명  5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FCI [First Components International]
홈페이지  http://www.cotra.com.tw/
Logo FCI - First Components International

SMAJ12A 데이터시트(HTML) 3 Page - First Components International

  SMAJ12A Datasheet HTML 1Page - First Components International SMAJ12A Datasheet HTML 2Page - First Components International SMAJ12A Datasheet HTML 3Page - First Components International SMAJ12A Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Data Sheet
5.0V to 170V SMD TRANSIENT
VOLTAGE SUPPRESSORS
Page 10-38
DEVICE
Maximum
Temperature
Coefficient
of V
BR
% / °°°°°C
Maximum
Clamping
Voltage
@ I
PP
V
C (V)
Peak
Pulse
Current
I
PP (A)
(Note 2)
Maximum
Reverse
Leakage
@ V
RWM
I
R
µµµµA)
Working
Peak
Reverse
Voltage
V
RWM (V)
@ I
T
(mA)
Min.
Max.
V
BR
Volts
(Note 1)
Breakdown
Voltage
SMAJ5.0
SMAJ5.0A
SMAJ6.0
SMAJ6.0A
SMAJ6.5
SMAJ6.5A
SMAJ7.0
SMAJ7.0A
SMAJ7.5
SMAJ7.5A
SMAJ8.0
SMAJ8.0A
SMAJ8.5
SMAJ8.5A
SMAJ9.0
SMAJ9.0A
SMAJ10
SMAJ10A
SMAJ11
SMAJ11A
SMAJ12
SMAJ12A
SMAJ13
SMAJ13A
SMAJ14
SMAJ14A
SMAJ15
SMAJ15A
SMAJ16
SMAJ16A
SMAJ17
SMAJ17A
SMAJ18
SMAJ18A
SMAJ20
SMAJ20A
SMAJ22
SMAJ22A
SMAJ24
SMAJ24A
SMAJ26
SMAJ26A
6.40
6.40
6.67
6.67
7.22
7.22
7.78
7.78
8.33
8.33
8.89
8.89
9.44
9.44
10.00
10.00
11.10
11.10
12.20
12.20
13.30
13.30
14.40
14.40
15.60
15.60
16.70
16.70
17.80
17.80
18.90
18.90
20.00
20.00
22.20
22.20
24.40
24.40
26.70
26.70
28.90
28.90
7.30
7.00
8.15
7.37
8.82
7.98
9.51
8.60
10.20
9.21
10.90
9.83
11.50
10.40
12.20
11.10
13.60
12.30
14.90
13.50
16.30
14.70
17.60
15.90
19.10
17.20
20.40
18.50
21.80
19.70
23.10
20.90
24.40
22.10
27.10
24.50
29.80
26.90
32.60
29.50
35.30
31.90
10.00
10.00
10.00
10.00
10.00
10.00
10.00
10.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
1.00
5.00
5.00
6.00
6.00
6.50
6.50
7.00
7.00
7.50
7.50
8.00
8.00
8.50
8.50
9.00
9.00
10.00
10.00
11.00
11.00
12.00
12.00
13.00
13.00
14.00
14.00
15.00
15.00
16.00
16.00
17.00
17.00
18.00
18.00
20.00
20.00
22.00
22.00
24.00
24.00
26.00
26.00
800
800
800
800
500
500
200
200
100
100
50.00
50.00
20.00
20.00
10.00
10.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
9.60
9.20
11.40
10.30
12.30
11.20
13.30
12.00
14.30
12.90
15.00
13.60
15.90
14.40
16.90
15.40
18.80
17.00
20.10
18.20
22.00
19.90
23.80
21.50
25.80
23.20
26.90
24.40
28.80
26.00
30.50
27.60
32.20
29.20
35.80
32.40
39.40
35.50
43.00
38.90
46.60
42.10
0.061
0.061
0.065
0.065
0.068
0.068
0.073
0.073
0.075
0.075
0.076
0.078
0.081
0.081
0.084
0.084
0.086
0.086
0.088
0.088
0.090
0.090
0.092
0.092
0.094
0.094
0.096
0.096
0.097
0.097
0.098
0.098
0.099
0.099
0.100
0.100
0.101
0.101
0.101
0.101
0.102
0.102
Case
Marking
AD
AE
AF
AG
AH
AK
AL
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
AZ
BD
BE
BF
BG
BH
BK
BL
BM
BN
BP
BQ
BR
BS
BT
BU
BV
BW
BX
BY
BZ
CD
CE
41.6
43.5
35.1
38.8
32.5
35.7
30.1
33.3
28.0
31.0
26.5
29.4
25.1
27.7
23.6
26.0
21.2
23.5
20.0
22.0
18.1
20.1
16.8
18.6
15.5
17.2
14.8
16.4
13.8
15.3
13.1
14.5
12.4
13.7
11.1
12.3
10.1
11.2
9.3
10.3
8.6
9.5


유사한 부품 번호 - SMAJ12A

제조업체부품명데이터시트상세설명
logo
Jinan Gude Electronic D...
SMAJ12A JGD-SMAJ12A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
StarHope
SMAJ12A SPSEMI-SMAJ12A Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
logo
MERITEK ELECTRONICS COR...
SMAJ12A MERITEK-SMAJ12A Datasheet
284Kb / 4P
   Transient Voltage Suppressors
logo
Galaxy Semi-Conductor H...
SMAJ12A BILIN-SMAJ12A Datasheet
775Kb / 7P
   Transient Voltage Suppressor
logo
Alpha & Omega Semicondu...
SMAJ12A AOSMD-SMAJ12A Datasheet
713Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
More results

유사한 설명 - SMAJ12A

제조업체부품명데이터시트상세설명
logo
First Components Intern...
SMCJ5.0 FCI-SMCJ5.0 Datasheet
161Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
SMBJ5.0 FCI-SMBJ5.0 Datasheet
186Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
SA5.0 FCI-SA5.0 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
3.0SMCJ5.0 FCI-3.0SMCJ5.0 Datasheet
939Kb / 5P
   5.0V to 220V SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
UN Semiconducctor INC
TPSMBJ UNSEMI-TPSMBJ Datasheet
2Mb / 6P
   11 To 170V 600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
First Components Intern...
5KP FCI-5KP Datasheet
187Kb / 4P
   5.0V to 110V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Central Semiconductor C...
PB_CMATVS3V3_1509 CENTRAL-PB_CMATVS3V3_1509 Datasheet
1Mb / 2P
   3.3V and 5.0V Transient Voltage Suppressors
logo
Guangdong Youtai Semico...
SMF5.0A UMW-SMF5.0A_V01 Datasheet
598Kb / 4P
   5.0V-170V 175-200W
logo
EPCOS
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com