전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

QEHC49H3510LN3016 데이터시트(PDF) 1 Page - TEMEX

부품명 QEHC49H3510LN3016
부품 상세설명  SMD 3.2x2.5 Crystal -Ceramic SMD packaged
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEMEX [TEMEX]
홈페이지  http://www.temex.com
Logo TEMEX - TEMEX

QEHC49H3510LN3016 데이터시트(HTML) 1 Page - TEMEX

  QEHC49H3510LN3016 Datasheet HTML 1Page - TEMEX QEHC49H3510LN3016 Datasheet HTML 2Page - TEMEX QEHC49H3510LN3016 Datasheet HTML 3Page - TEMEX QEHC49H3510LN3016 Datasheet HTML 4Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FREQUENCY
QESM07
SMD 3.0x2.5 Crystal – Ceramic SMD packaged
Specification (Rev-A)
Electrical Characteristics ......................................................P01
ESR vs. frequency range and Mode of vibration ..................P01
Mechanical Characteristics ...................................................P01
Ordering Information .............................................................P02
Suggested Reflow Soldering profile......................................P02
Tape Drawing........................................................................P03
Reel Drawing ........................................................................P03


유사한 부품 번호 - QEHC49H3510LN3016

제조업체부품명데이터시트부품 상세설명
TEMEX
TEMEX
QEHC49H3510LN3016 TEMEX-QEHC49H3510LN3016 Datasheet
429Kb / 3P
   HC49/S Crystal - Through Hole packaged
QEHC49H3510LN3016 TEMEX-QEHC49H3510LN3016 Datasheet
448Kb / 3P
   HC49U Crystal - Through Hole packaged
QEHC49H3510LN3016 TEMEX-QEHC49H3510LN3016 Datasheet
431Kb / 3P
   HC49 Gull-Wing Crystal - SMD packaged
More results

유사한 설명 - QEHC49H3510LN3016

제조업체부품명데이터시트부품 상세설명
TEMEX
TEMEX
QESM01 TEMEX-QESM01 Datasheet
474Kb / 4P
   SMD 7.0x5.0 Crystal - Ceramic SMD packaged
QESM04 TEMEX-QESM04 Datasheet
583Kb / 4P
   SMD 6.0x3.5 Crystal - Ceramic SMD packaged
QESM05 TEMEX-QESM05 Datasheet
571Kb / 4P
   SMD 5.0x3.2 Crystal - Ceramic SMD packaged
QESM06 TEMEX-QESM06 Datasheet
439Kb / 4P
   SMD 4.0x2.5 Crystal - Ceramic SMD packaged
TAI-SAW TECHNOLOGY CO., LTD.
TAI-SAW TECHNOLOGY CO.,...
TW0238A TAI-SAW-TW0238A Datasheet
218Kb / 5P
   SMD 3.2x2.5 13MHz Crystal Oscillator
TW0255A TAI-SAW-TW0255A Datasheet
240Kb / 6P
   SMD 3.2x2.5 32MHz Crystal Oscillator
TW0258A TAI-SAW-TW0258A Datasheet
225Kb / 6P
   SMD 3.2x2.5 24.576MHz Crystal Oscillator
TW0261A TAI-SAW-TW0261A Datasheet
348Kb / 8P
   SMD 3.2x2.5 50MHz Crystal Oscillator
TW0228A TAI-SAW-TW0228A Datasheet
219Kb / 5P
   SMD 3.2x2.5 48MHz Crystal Oscillator
TW0233A TAI-SAW-TW0233A Datasheet
218Kb / 5P
   SMD 3.2x2.5 25MHz Crystal Oscillator
More results


Html Pages

1  2  3  4 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz