전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD6655BCPZ-1051 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD6655BCPZ-1051
상세설명  IF Diversity Receiver
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD6655BCPZ-1051 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD6655BCPZ-1051 Datasheet HTML 2Page - Analog Devices AD6655BCPZ-1051 Datasheet HTML 3Page - Analog Devices AD6655BCPZ-1051 Datasheet HTML 4Page - Analog Devices AD6655BCPZ-1051 Datasheet HTML 5Page - Analog Devices AD6655BCPZ-1051 Datasheet HTML 6Page - Analog Devices AD6655BCPZ-1051 Datasheet HTML 7Page - Analog Devices AD6655BCPZ-1051 Datasheet HTML 8Page - Analog Devices AD6655BCPZ-1051 Datasheet HTML 9Page - Analog Devices AD6655BCPZ-1051 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 84 page
background image
AD6655
Rev. 0 | Page 6 of 84
ADC DC SPECIFICATIONS—AD6655BCPZ-125/AD6655BCPZ-150
AVDD = 1.8 V, DVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference,
DCS enabled, unless otherwise noted.
Table 2.
AD6655BCPZ-125
AD6655BCPZ-150
Parameter
Temperature
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
Full
14
14
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Offset Error
Full
±0.3
±0.6
±0.2
±0.6
% FSR
Gain Error
Full
−4.7
−2.7
−0.8
−5.1
−3.2
−1.0
% FSR
MATCHING CHARACTERISTIC
Offset Error
25°C
±0.3
±0.7
±0.2
±0.7
% FSR
Gain Error
25°C
±0.1
±0.7
±0.2
±0.8
% FSR
TEMPERATURE DRIFT
Offset Error
Full
±15
±15
ppm/°C
Gain Error
Full
±95
±95
ppm/°C
INTERNAL VOLTAGE REFERENCE
Output Voltage Error (1 V Mode)
Full
±5
±18
±5
±18
mV
Load Regulation @ 1.0 mA
Full
7
7
mV
INPUT-REFERRED NOISE
VREF = 1.0 V
25°C
0.85
0.85
LSB rms
ANALOG INPUT
Input Span, VREF = 1.0 V
Full
2
2
V p-p
Input Capacitance1
Full
8
8
pF
VREF INPUT RESISTANCE
Full
6
6
POWER SUPPLIES
Supply Voltage
AVDD, DVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
V
DRVDD (CMOS Mode)
Full
1.7
1.8
3.6
1.7
1.8
3.6
V
DRVDD (LVDS Mode)
Full
1.7
1.8
1.9
1.7
1.8
1.9
V
Supply Current
IAVDD2, 3
Full
390
440
mA
IDVDD2, 3
Full
270
705
320
805
mA
IDRVDD2 (3.3 V CMOS)
Full
26
28
mA
IDRVDD2 (1.8 V CMOS)
Full
13
17
mA
IDRVDD2 (1.8 V LVDS)
Full
57
57
mA
POWER CONSUMPTION
DC Input
Full
770
810
870
920
mW
Sine Wave Input2 (DRVDD = 1.8 V)
Full
1215
1395
mW
Sine Wave Input2 (DRVDD = 3.3 V)
Full
1275
1450
mW
Standby Power4
Full
77
77
mW
Power-down Power
Full
2.5
8
2.5
8
mW
1 Input capacitance refers to the effective capacitance between one differential input pin and AGND. See Figure 11 for the equivalent analog input structure.
2 Measured with a 9.7 MHz, full-scale sine wave input, NCO enabled with a frequency of 13 MHz, FIR filter enabled and the fS/8 output mix enabled with approximately
5 pF loading on each output bit.
3 The maximum limit applies to the combination of IAVDD and IDVDD currents.
4 Standby power is measured with a dc input, the CLK pin inactive (set to AVDD or AGND).


유사한 부품 번호 - AD6655BCPZ-1051

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD6655BCPZ-1051 AD-AD6655BCPZ-1051 Datasheet
2Mb / 88P
   IF Diversity Receiver
REV. A
More results

유사한 설명 - AD6655BCPZ-1051

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD6655ABCPZ-80 AD-AD6655ABCPZ-80 Datasheet
2Mb / 88P
   IF Diversity Receiver
REV. A
AD6649 AD-AD6649_17 Datasheet
1Mb / 41P
   IF Diversity Receiver
AD6655 AD-AD6655_17 Datasheet
2Mb / 85P
   IF Diversity Receiver
AD6653 AD-AD6653 Datasheet
2Mb / 80P
   IF Diversity Receiver
REV. 0
AD6649 AD-AD6649_14 Datasheet
1Mb / 40P
   IF Diversity Receiver
AD6655 AD-AD6655_15 Datasheet
2Mb / 84P
   IF Diversity Receiver
REV. B
AD6679 AD-AD6679_17 Datasheet
1Mb / 82P
   135 MHz BW IF Diversity Receiver
AD6674 AD-AD6674_17 Datasheet
4Mb / 97P
   385 MHz BW IF Diversity Receiver
AD6674 AD-AD6674 Datasheet
2Mb / 91P
   385 MHz BW IF Diversity Receiver
AD6679 AD-AD6679 Datasheet
1Mb / 81P
   135 MHz BW IF Diversity Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com