전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCE8.5A 데이터시트(PDF) 2 Page - Littelfuse

부품명 LCE8.5A
상세설명  1500W Axial Leaded Transient Voltage Supressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LCE8.5A 데이터시트(HTML) 2 Page - Littelfuse

  LCE8.5A Datasheet HTML 1Page - Littelfuse LCE8.5A Datasheet HTML 2Page - Littelfuse LCE8.5A Datasheet HTML 3Page - Littelfuse LCE8.5A Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Silicon Avalanche Diodes
312
www .littelfuse .com
1500W Axial Leaded Transient Voltage Supressors
LCE Series
RoHS
Part
Number
Reverse
Stand off
Voltage GE
VWM
(Volts)
Breakdown
Voltage
VBR (Volts) @ IT
Maximum
Reverse
Leakage
IR @ VR
(µA)
Maximum
Clamping
Voltage
VC @ IPP
(Volts)
Maximum
Peak Pulse
Current
IPP
(A)
ELECTRICAL SPECIFICATION @ Tamb 25°C
LCE6.5A
6.5
7.22
7.98
10
1000
11.2
100
100
75
1.0
100
LCE7.0A
7.0
7.78
8.60
10
500
12.0
100
100
75
1.0
100
LCE7.5A
7.5
8.33
9.21
10
250
12.9
100
100
75
1.0
100
LCE8.0A
8.0
8.89
9.83
1
100
13.6
100
100
75
1.0
100
LCE8.5A
8.5
9.44
10.40
1
50
14.4
100
100
75
1.0
100
LCE9.0A
9.0
10.00
11.10
1
10
15.4
97
100
75
1.0
100
LCE10A
10.0
11.10
12.30
1
5
17.0
88
100
75
1.0
100
LCE11A
11.0
12.20
13.50
1
5
18.2
82
100
75
1.0
100
LCE12A
12.0
13.30
14.70
1
5
19.9
75
100
75
1.0
100
LCE13A
13.0
14.40
15.90
1
5
21.5
70
100
75
1.0
100
LCE14A
14.0
15.60
17.20
1
5
23.2
65
100
75
1.0
100
LCE15A
15.0
16.70
18.50
1
5
24.4
61
100
75
1.0
100
LCE16A
16.0
17.80
19.70
1
5
26.0
57
100
75
1.0
100
LCE17A
17.0
18.90
20.90
1
5
27.6
54
100
75
1.0
100
LCE18A
18.0
20.00
22.10
1
5
29.2
51
100
75
1.0
100
LCE20A
20.0
22.20
24.50
1
5
32.4
46
100
75
1.0
100
LCE22A
22.0
24.40
26.90
1
5
35.5
42
100
75
1.0
100
LCE24A
24.0
26.70
29.50
1
5
38.9
39
100
75
1.0
100
LCE26A
26.0
28.90
31.90
1
5
42.1
36
100
75
1.0
100
LCE28A
28.0
31.10
34.40
1
5
45.5
33
100
75
1.0
100
MIN
MAX
Test
Current
IT (mA)
Maximum
Junction
Capacitance
@ 0 Volts
(pF)
Working
Inverse
Blocking
Voltage
VWIB (Volts)
Working
Inverse
Blocking
Voltage
VWIB (Volts)
Peak
Inverse
Blocking
Voltage
VPIB (Volts)
Note: For parts without A, the VBR is ± 10%.


유사한 부품 번호 - LCE8.5A

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
LCE8.5A EIC-LCE8.5A Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Ruilongyuan Electronics...
LCE8.5A RUILON-LCE8.5A Datasheet
752Kb / 7P
   Transient Voltage Suppressors
logo
Littelfuse
LCE8.5A LITTELFUSE-LCE8.5A Datasheet
121Kb / 4P
   Silicon Avalanche Diodes - 1500W Axial Leaded Transient Voltage Supressors
logo
Socay Electornics Co., ...
LCE8.5A SOCAY-LCE8.5A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
TAITRON Components Inco...
LCE8.5A TAITRON-LCE8.5A Datasheet
179Kb / 5P
   1500W Low Capacitance Transient Voltage Suppressor
More results

유사한 설명 - LCE8.5A

제조업체부품명데이터시트상세설명
logo
Littelfuse
LCE6.5A LITTELFUSE-LCE6.5A Datasheet
121Kb / 4P
   Silicon Avalanche Diodes - 1500W Axial Leaded Transient Voltage Supressors
P4KE6.8A LITTELFUSE-P4KE6.8A Datasheet
186Kb / 4P
   Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
SMCJ5.0A LITTELFUSE-SMCJ5.0A Datasheet
141Kb / 2P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
1.5SMC LITTELFUSE-1.5SMC Datasheet
170Kb / 4P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
logo
SUNMATE electronic Co.,...
P6KE36CA SUNMATE-P6KE36CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE6.8A SUNMATE-P6KE6.8A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
30KP22A SUNMATE-30KP22A Datasheet
774Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
SA440A SUNMATE-SA440A Datasheet
563Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
P6KE15CA SUNMATE-P6KE15CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE12CA SUNMATE-P6KE12CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com