전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCE12A 데이터시트(PDF) 3 Page - Littelfuse

부품명 LCE12A
상세설명  1500W Axial Leaded Transient Voltage Supressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LCE12A 데이터시트(HTML) 3 Page - Littelfuse

  LCE12A Datasheet HTML 1Page - Littelfuse LCE12A Datasheet HTML 2Page - Littelfuse LCE12A Datasheet HTML 3Page - Littelfuse LCE12A Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Silicon Avalanche Diodes
313
www .littelfuse .com
LCE Series
RoHS
Fig. 1 Peak Pulse Power Rating
Fig. 3 Pulse Waveform
Fig. 4 AC Line Protection Application
Fig. 2 Power Derating Curve
td- Pulse Width (sec.)
TL- Lead Temperature (˚C)
0.1µs
1.0µs
10µs
100µs
1.0ms
10ms
0.1
1
10
100
0
0
0
50
100
150
1.0
2.0
3.0
4.0
0
25
25
50
50
75
75
100
100
125 150 175 200
Application Note: Device must be used
with two units in parrellel, opposite in polarity
as shown on circuit for AC signal lin
protection.
tr=10µsec
Peak Value
IPPM
Half Value IPPM
2
TJ=25˚C
Pulse Width(td) is defined
as the point where the peak
current decays to 50% of IPPM
10/1000µsec. Waveform
as defined by R.E.A
Low Capacitance
TVC
td
Lead Lenths
0.375" (9.5mm)
Peak Power
(single Pulse)
Average Power
+
+
Ratings and Characteristic Curves TA=25˚C unless otherwise noted
1500W Axial Leaded Transient Voltage Supressors
6


유사한 부품 번호 - LCE12A

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
LCE12A EIC-LCE12A Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
MERITEK ELECTRONICS COR...
LCE12A MERITEK-LCE12A Datasheet
391Kb / 3P
   Transient Voltage Suppressors
logo
UN Semiconducctor INC
LCE12A UNSEMI-LCE12A Datasheet
3Mb / 6P
   6.5 To 90V 1500W Low Capacitance Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Microsemi Corporation
LCE12A MICROSEMI-LCE12A Datasheet
85Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Ruilongyuan Electronics...
LCE12A RUILON-LCE12A Datasheet
752Kb / 7P
   Transient Voltage Suppressors
More results

유사한 설명 - LCE12A

제조업체부품명데이터시트상세설명
logo
Littelfuse
LCE6.5A LITTELFUSE-LCE6.5A Datasheet
121Kb / 4P
   Silicon Avalanche Diodes - 1500W Axial Leaded Transient Voltage Supressors
P4KE6.8A LITTELFUSE-P4KE6.8A Datasheet
186Kb / 4P
   Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
SMCJ5.0A LITTELFUSE-SMCJ5.0A Datasheet
141Kb / 2P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
1.5SMC LITTELFUSE-1.5SMC Datasheet
170Kb / 4P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
logo
SUNMATE electronic Co.,...
P6KE36CA SUNMATE-P6KE36CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE6.8A SUNMATE-P6KE6.8A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
30KP22A SUNMATE-30KP22A Datasheet
774Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
SA440A SUNMATE-SA440A Datasheet
563Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
P6KE15CA SUNMATE-P6KE15CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE12CA SUNMATE-P6KE12CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com