전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC2G04GV 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 74HC2G04GV
상세설명  Dual inverter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC2G04GV 데이터시트(HTML) 3 Page - NXP Semiconductors

  74HC2G04GV Datasheet HTML 1Page - NXP Semiconductors 74HC2G04GV Datasheet HTML 2Page - NXP Semiconductors 74HC2G04GV Datasheet HTML 3Page - NXP Semiconductors 74HC2G04GV Datasheet HTML 4Page - NXP Semiconductors 74HC2G04GV Datasheet HTML 5Page - NXP Semiconductors 74HC2G04GV Datasheet HTML 6Page - NXP Semiconductors 74HC2G04GV Datasheet HTML 7Page - NXP Semiconductors 74HC2G04GV Datasheet HTML 8Page - NXP Semiconductors 74HC2G04GV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
74HC_HCT2G04_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 15 November 2006
3 of 14
NXP Semiconductors
74HC2G04; 74HCT2G04
Dual inverter
7.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level.
8.
Limiting values
[1]
The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For SC-88 and SC-74 packages: above 87.5
°C the value of P
tot derates linearly with 4.0 mW/K.
9.
Recommended operating conditions
Table 4.
Function table[1]
Input
Output
nA
nY
LH
HL
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7.0
V
IIK
input clamping current
VI < −0.5 V or VI >VCC + 0.5 V
[1] -
±20
mA
IOK
output clamping current
VO < −0.5 V or VO >VCC + 0.5 V
[1] -
±20
mA
IO
output current
VO = −0.5 V to VCC + 0.5 V
[1] -
±25
mA
ICC
supply current
[1] -
+50
mA
IGND
ground current
[1] -
−50
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
[2] -
250
mW
Table 6.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Type 74HC2G04
VCC
supply voltage
2.0
5.0
6.0
V
VI
input voltage
0
-
VCC
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
−40
+25
+125
°C
tr
rise time
except for Schmitt trigger inputs
VCC = 2.0 V
-
-
1000
ns
VCC = 4.5 V
-
-
500
ns
VCC = 6.0 V
-
-
400
ns
tf
fall time
except for Schmitt trigger inputs
VCC = 2.0 V
-
-
1000
ns
VCC = 4.5 V
-
-
500
ns
VCC = 6.0 V
-
-
400
ns


유사한 부품 번호 - 74HC2G04GV

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74HC2G04GV NEXPERIA-74HC2G04GV Datasheet
194Kb / 15P
   Dual inverter
74HC2G04GV,125 NEXPERIA-74HC2G04GV,125 Datasheet
194Kb / 15P
   Dual inverter
74HC2G04GV-Q100 NEXPERIA-74HC2G04GV-Q100 Datasheet
201Kb / 15P
   Dual inverter
74HC2G04GV.125 NEXPERIA-74HC2G04GV.125 Datasheet
194Kb / 15P
   Dual inverter
More results

유사한 설명 - 74HC2G04GV

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC2GU04 PHILIPS-74LVC2GU04 Datasheet
95Kb / 15P
   Dual inverter
2004 Sep 21
logo
Unisonic Technologies
U74LVC2G04 UTC-U74LVC2G04_10 Datasheet
163Kb / 5P
   DUAL INVERTER
logo
Nexperia B.V. All right...
74LVC2G04 NEXPERIA-74LVC2G04 Datasheet
252Kb / 16P
   Dual inverter
Rev. 12 - 26 January 2022
logo
ON Semiconductor
NLX2G04 ONSEMI-NLX2G04 Datasheet
93Kb / 8P
   Dual Inverter
March, 2008 - Rev. 0
logo
Toshiba Semiconductor
TC7PA04FU TOSHIBA-TC7PA04FU_07 Datasheet
184Kb / 8P
   Dual Inverter
TC7PG04AFE TOSHIBA-TC7PG04AFE Datasheet
141Kb / 6P
   Dual Inverter
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A Datasheet
80Kb / 7P
   Dual Inverter
logo
ON Semiconductor
NLU2G04 ONSEMI-NLU2G04 Datasheet
98Kb / 8P
   Dual Inverter
March, 2008 - Rev. 2
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A_15 Datasheet
160Kb / 8P
   Dual Inverter
logo
Nexperia B.V. All right...
74HC2G04 NEXPERIA-74HC2G04 Datasheet
194Kb / 15P
   Dual inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com