전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM8052L25 데이터시트(PDF) 9 Page - SyncMOS Technologies,Inc

부품명 SM8052L25
상세설명  8 - Bit Micro-controller with 4/8KB ROM embedded
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SYNCMOS [SyncMOS Technologies,Inc]
홈페이지  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM8052L25 데이터시트(HTML) 9 Page - SyncMOS Technologies,Inc

Back Button SM8052L25 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM8052L25 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM8052L25 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM8052L25 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM8052L25 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM8052L25 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM8052L25 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM8052L25 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM8052L25 Datasheet HTML 13Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
May 2001
Specifications subject to change without notice,contact your sales representatives for the most recent information.
9/16
Ver 1.1
SM8051/8052 07/2005
SyncMOS Technologies Inc.
SM8051/80952
Data Memory Read Cycle Timing
OSC
T12
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10
T11
T12
T1
T2
T3
ALE
1
2
#PSEN
#RD
PORT2
PORT0
5
7
ADDRESS A15 - A8
INST in Float
A7 - A0
3
4
3
Float
6
DATA in
8
Float
ADDRESS
or Float
Application Reference
X'tal
3MHz
6MHz
9MHz
12MHz
C1
30 pF
30 pF
30 pF
30 pF
C2
30 pF
30 pF
30 pF
30 pF
R
open
open
open
open
X'tal
16MHz
25MHz
33MHz
40MHz
C1
30 pF
15 pF
10 pF
5 pF
C2
30 pF
15 pF
10 pF
5 pF
R
open
62K
6.8K
4.7K
NOTE: Oscillation circuit may differs with different crystal or ceramic
resonator in higher oscillation frequency which was due to each
crystal or ceramic resonator has its own characteristics.
User should check with the crystal or ceramic resonator manufacturer
for appropriate value of external components.
XI
X2
SM8051/8052
X'tal
R
C1
C2
Valid for SM8051/8052


유사한 부품 번호 - SM8052L25

제조업체부품명데이터시트상세설명
logo
ifm electronic Ltd.
SM8050 IFM-SM8050 Datasheet
294Kb / 4P
   Magnetic-inductive flow meter
More results

유사한 설명 - SM8052L25

제조업체부품명데이터시트상세설명
logo
Aplus Intergrated Circu...
APU8051 APLUS-APU8051 Datasheet
840Kb / 15P
   8-BIT MICRO CONTROLLER WITH 4/8KB ROM EMVEDDED
APU8951 APLUS-APU8951 Datasheet
544Kb / 15P
   8-BIT MICRO CONTROLLER WITH 4/8KB FLASH EMBEDDED
logo
SyncMOS Technologies,In...
SM8951A SYNCMOS-SM8951A Datasheet
393Kb / 17P
   8 - Bit Micro-controller with 4/8KB flash embedded
SM8951A SYNCMOS-SM8951A_06 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
SM79108 SYNCMOS-SM79108_06 Datasheet
493Kb / 25P
   8 - Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
SM79108 SYNCMOS-SM79108 Datasheet
590Kb / 26P
   8-Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
SM894051 SYNCMOS-SM894051 Datasheet
493Kb / 15P
   8-Bits Micro-controller With 4KB Flash ROM embedded
SM8958 SYNCMOS-SM8958 Datasheet
445Kb / 19P
   8-bit Micro-controller with 32K Flash embedded
logo
List of Unclassifed Man...
JA58560 ETC-JA58560 Datasheet
225Kb / 16P
   Mask-ROM 8-Bit CMOS Micro-controller
logo
SyncMOS Technologies,In...
SM8958A SYNCMOS-SM8958A Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com