전자부품 데이터시트 검색엔진 |
|
SM8958A 데이터시트(PDF) 11 Page - SyncMOS Technologies,Inc |
|
SM8958A 데이터시트(HTML) 11 Page - SyncMOS Technologies,Inc |
11 / 23 page SyncMOS Technologies International, Inc. SM8958A 8-Bits Micro-controller With 32KB flash & 1KB RAM embedded Specifications subject to change without notice contact your sales representatives for the most recent information. Ver 2.1 SM8958A 08/2006 11 By default, the WDTC is read only. User need to write values 1EH, E1H sequentially to the WDTKEY($97H) register to enable the WDTC write attribute, That is MOV WDTKEY, # 1EH MOV WDTKEY, # 0E1H When WDTC is set, user need to write another values E1H, 1EH sequentially to the WDTKEY($97H) register to disable the WDTC write attribute, That is MOV WDTKEY, # 0E1H MOV WDTKEY, # 1EH Watch Dog Timer Register - System Control Register (SCONF, $BF) bit-7 bit-0 WDR Unused Unused Unused Unused Unused OME ALEI Read / Write: R/W - - - - - R/W R/W Reset value: 0 * * * * * 0 0 The bit 7 (WDR) of SCONF is Watch Dog Timer Reset bit. It will be set to 1 when reset signal generated by WDT overflow. User should check WDR bit whenever un-predicted reset happened. 4. Reduce EMI Function The SM8958A allows user to reduce the EMI emission by setting 1 to the bit 0 (ALEI) of SCONF register. This function will inhibit the clock signal in Fosc/6Hz output to the ALE pin. 5. Specific Pulse Width Modulation (SPWM) The Specific Pulse Width Modulation (SPWM) module contain 1 kind of PWM sub module: SPWM (Specific PWM). SPWM has five 8-bit channels. 5.1 SPWM Function Description: The 8-bit SPWM channel is composed of an 8-bit register which contains a 5-bit SPWM in MSB portion and a 3-bit binary rate multiplier (BRM) in LSB portion. The value programmed in the 5-bit SPWM portion will determine the pulse length of the output. The 3-bit BRM portion will generate and insert certain narrow pulses among an 8-SPWM-cycle frame. The number of pulses generated is equal to the number programmed in the 3-bit BRM portion. The usage of the BRM is to generate equivalent 8-bit resolution SPWM type DAC with reasonably high repetition rate through 5-bit SPWM clock speed. The SPFS[1:0] settings of SPWMC ($A3) register are dividend of Fosc to be SPWM clock, Fosc/2^(SPFS[1:0]+1). The SPWM output cycle frame repetition rate (frequency) equals (SPWM clock)/32 which is [Fosc/2^(SPFS[1:0]+1)]/32. |
유사한 부품 번호 - SM8958A_06 |
|
유사한 설명 - SM8958A_06 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |