전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8566Q 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 TDA8566Q
상세설명  2 쨈 40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8566Q 데이터시트(HTML) 4 Page - NXP Semiconductors

  TDA8566Q Datasheet HTML 1Page - NXP Semiconductors TDA8566Q Datasheet HTML 2Page - NXP Semiconductors TDA8566Q Datasheet HTML 3Page - NXP Semiconductors TDA8566Q Datasheet HTML 4Page - NXP Semiconductors TDA8566Q Datasheet HTML 5Page - NXP Semiconductors TDA8566Q Datasheet HTML 6Page - NXP Semiconductors TDA8566Q Datasheet HTML 7Page - NXP Semiconductors TDA8566Q Datasheet HTML 8Page - NXP Semiconductors TDA8566Q Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TDA8566_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 15 October 2007
4 of 21
NXP Semiconductors
TDA8566
2
× 40 W/2 Ω stereo BTL car radio power amplifier
6.
Pinning information
6.1 Pinning
Fig 2.
Pin configuration TDA8566TH
Fig 3.
Pin configuration TDA8566TH1
Fig 4.
Pin configuration TDA8566Q
TDA8566TH
MODE
DIAG
VP2
IN2+
OUT2
IN2
PGND2
n.c.
OUT2+
n.c.
OUT1
n.c.
PGND1
n.c.
OUT1+
IN1+
VP1
IN1
CLIP
SGND
001aag902
20
19
18
17
16
15
14
13
12
11
9
10
7
8
5
6
3
4
1
2
TDA8566TH1
HEATTAB
DIAG
VP2
IN2+
n.c.
IN2
OUT2
n.c.
PGND2
n.c.
OUT2+
n.c.
OUT1
MODE
PGND1
n.c.
OUT1+
n.c.
n.c.
IN1+
VP1
IN1
CLIP
SGND
001aah015
24
23
22
21
20
19
18
17
16
15
14
13
11
12
9
10
7
8
5
6
3
4
1
2
TDA8566Q
IN1+
IN1
SGND
CLIP
VP1
OUT1+
PGND1
OUT1
n.c.
OUT2+
PGND2
OUT2
VP2
MODE
DIAG
IN2+
IN2
001aah059
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17


유사한 부품 번호 - TDA8566Q

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8566Q PHILIPS-TDA8566Q Datasheet
110Kb / 12P
   2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs
1998 Sep 23
More results

유사한 설명 - TDA8566Q

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8566 PHILIPS-TDA8566_15 Datasheet
137Kb / 21P
   2X40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Rev. 06-15 October 2007
TDA8566TH PHILIPS-TDA8566TH Datasheet
94Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
2001 Apr 24
TDA8566Q PHILIPS-TDA8566Q Datasheet
110Kb / 12P
   2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs
1998 Sep 23
TDA8563AQ PHILIPS-TDA8563AQ Datasheet
152Kb / 20P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1997 Feb 20
TDA8563Q PHILIPS-TDA8563Q Datasheet
107Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8560Q PHILIPS-TDA8560Q Datasheet
105Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com