전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM59264 데이터시트(PDF) 7 Page - SyncMOS Technologies,Inc

부품명 SM59264
상세설명  8-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SYNCMOS [SyncMOS Technologies,Inc]
홈페이지  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM59264 데이터시트(HTML) 7 Page - SyncMOS Technologies,Inc

Back Button SM59264 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM59264 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM59264 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM59264 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM59264 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM59264 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM59264 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM59264 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM59264 Datasheet HTML 11Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
SyncMOS Technologies International, Inc.
SM59264
8-Bits Micro-controller
with 128KB flash & 1KB RAM & TWSI & SPWM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
Ver 2.1 SM59264 08/2006
7
Note: The single flash block address structure for doing the ISP function to the on-chip data flash as well as program
ROM flash.
1.2 Data Memory
The SM59264 has 1K bytes on-chip RAM, 256 bytes of it are the same as general 8052 internal memory structure
while the expanded 768 bytes on-chip RAM can be accessed by external memory addressing method (by instruction
MOVX), or by ‘Bank mapping direct addressing mode’ as described in page 9. The SM59264 also has 64K bytes data
flash embedded in. The contents of data flash can be erased or programmed by software control and can be read by
MOVX instruction. User can use MOVX instruction to access internal RAM, internal data flash or external memory by
setting OME and DFEN. The different setting of OME and DFEN will map to different memory block.


유사한 부품 번호 - SM59264

제조업체부품명데이터시트상세설명
logo
SyncMOS Technologies,In...
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
SM59264IHHK SYNCMOS-SM59264IHHK Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
More results

유사한 설명 - SM59264

제조업체부품명데이터시트상세설명
logo
SyncMOS Technologies,In...
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A_06 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com