전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM59264 데이터시트(PDF) 10 Page - SyncMOS Technologies,Inc

부품명 SM59264
상세설명  8-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SYNCMOS [SyncMOS Technologies,Inc]
홈페이지  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM59264 데이터시트(HTML) 10 Page - SyncMOS Technologies,Inc

Back Button SM59264 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM59264 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM59264 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM59264 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM59264 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM59264 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM59264 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM59264 Datasheet HTML 13Page - SyncMOS Technologies,Inc SM59264 Datasheet HTML 14Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
SyncMOS Technologies International, Inc.
SM59264
8-Bits Micro-controller
with 128KB flash & 1KB RAM & TWSI & SPWM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
Ver 2.1 SM59264 08/2006
10
Read data flash: Using direct external addressing mode (by instruction MOVX). Reading on-chip data flash will be
the same as reading external RAM with MOVX instruction.
For example, MOVX A, @DPTR or MOVX A, @Ri ; i=0,1
instruction with 16-bit addressing space.
Write data flash: Using ISP ‘byte program’ function will have to set the FAU0 bit at first.
Erase data flash: Including ISP ‘chip erase’ function and ‘page erase’ function. When using ‘chip erase’
function, it will erase all the 64K byte data flash plus 64K byte program ROM flash except
the ISP service program space if lock bit ‘N’ been configured.
Chip protect flash: Using ISP ‘chip protect’ function will protect the 64K byte data flash plus 64K byte
program ROM flash from read out. Once flash been protected, the content read will be all
‘00’.
For ‘byte program’ and ‘page erase’ flash-address-dependent ISP functions, user need to specify the FAU0 bit (=FA16)
of ISPC ($F7) at first for doing with data flash space. The 64K data flash also can be programmed or erased on writer.
1.3.1 Second Data Pointer Register - RCON ($85) and MOVX @Ri, i=1,2 with read function
Using RCON register with MOVX @Ri, i=0,1 instruction enables SM59264 has second Data Pointer Register (DPTR)
with read function only. The content of RCON register determines high byte address of 64KB data flash while content
of MOVX@Ri instruction determines low byte address. This feature similar to DPH and DPL register of MOVX @
DPTR instruction but with read function only. Using MOVX @Ri instruction to write data to the data flash will have no
effect.
System Control Register (SCONF, $BF)
bit-7
bit-0
WDR
Unused
Unused
Unused
DFEN
ISPE
OME
ALEI
Read / Write:
R/W
-
-
-
R/W
R/W
R/W
R/W
Reset value:
0
*
*
*
0
0
0
0
WDR: Watch Dog Timer Reset. When system reset by Watch Dog Timer overflow, WDR will be set to 1, The bit 7 (WDR) of
SCONF is Watch Dog Timer Reset bit. It will be set to 1 when reset signal generated by WDT overflow. User should
check WDR bit whenever un-predicted reset happened.
DFEN: 64K Data Flash enable bit. The default setting of DFEN bit is 0 (disable).
ISPE: ISP enable bit
OME: 768 bytes on-chip RAM enable bit, The bit 1 (OME) of SCONF can enable or disable the on-chip expanded 768 byte
RAM. The default setting of OME bit is 0 (disable).
ALEI: ALE output inhibit bit, to reduce EMI, Setting bit 0 (ALEI) of SCONF can inhibit the clock
signal in Fosc/6Hz output to the ALE pin.


유사한 부품 번호 - SM59264

제조업체부품명데이터시트상세설명
logo
SyncMOS Technologies,In...
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
SM59264IHHK SYNCMOS-SM59264IHHK Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
More results

유사한 설명 - SM59264

제조업체부품명데이터시트상세설명
logo
SyncMOS Technologies,In...
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A_06 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com