전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM79108C40 데이터시트(PDF) 9 Page - SyncMOS Technologies,Inc

부품명 SM79108C40
상세설명  8 - Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SYNCMOS [SyncMOS Technologies,Inc]
홈페이지  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM79108C40 데이터시트(HTML) 9 Page - SyncMOS Technologies,Inc

Back Button SM79108C40 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM79108C40 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM79108C40 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM79108C40 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM79108C40 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM79108C40 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM79108C40 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM79108C40 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM79108C40 Datasheet HTML 13Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Specifications subject to change without notice,contact your sales representatives for the most recent information.
9/26
Ver 2.1
SM79108 08/2006
SyncMOS Technologies International. Inc.
SM79108
SPFS[1:0]: These two bits is 2’s power parameter to form a frequency divider for input clock.
SPWM Registers - SPWM Data Register (SPWMD0, 0A4H)
SPWMD0[4:0]: content of SPWM Data Register. It determines duty cycle of SPWM output waveform.
BRM[2:0]: will insert certain narrow pulses among an 8-SPWM-cycle frame
Example of SPWM timing diagram:
MOV SPWMD0 , #83H
; SPWMD0[4:0]=10h (=16T high, 16T low), BRM0[2:0] = 3
MOV P1CON , #04H
; Enable P1.2 as SPWM output pin
SPFS1
SPFS0
Divider
SPWM clock, Fosc=20MHz
SPWM clock, Fosc=24MHz
0
0
2
10MHz
12MHz
0
1
4
5MHz
6MHz
1
0
8
2.5MHz
3MHz
1
1
16
1.25MHz
1.5MHz
bit-7
bit-0
SPWMD04
SPWMD03
SPWMD02
SPWMD01
SPWMD00
BRM02
BRM01
BRM00
Read/Write:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset value:
0
0
0
0
0
0
0
0
N = BRM[2:0]
Number of SPWM cycles inserted in an 8-cycle frame
000
0
001
1
010
2
011
3
100
4
101
5
110
6
111
7


유사한 부품 번호 - SM79108C40

제조업체부품명데이터시트상세설명
logo
SyncMOS Technologies,In...
SM79108C40 SYNCMOS-SM79108C40 Datasheet
590Kb / 26P
   8-Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
More results

유사한 설명 - SM79108C40

제조업체부품명데이터시트상세설명
logo
SyncMOS Technologies,In...
SM79108 SYNCMOS-SM79108 Datasheet
590Kb / 26P
   8-Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
logo
Aplus Intergrated Circu...
APU8951 APLUS-APU8951 Datasheet
544Kb / 15P
   8-BIT MICRO CONTROLLER WITH 4/8KB FLASH EMBEDDED
logo
SyncMOS Technologies,In...
SM8951A SYNCMOS-SM8951A Datasheet
393Kb / 17P
   8 - Bit Micro-controller with 4/8KB flash embedded
SM8951A SYNCMOS-SM8951A_06 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
SM8051 SYNCMOS-SM8051 Datasheet
423Kb / 16P
   8 - Bit Micro-controller with 4/8KB ROM embedded
SM8958A SYNCMOS-SM8958A Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM79164 SYNCMOS-SM79164 Datasheet
453Kb / 25P
   8 - Bit Micro-controller with 64KB flash & 4KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com