전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM89516 데이터시트(PDF) 1 Page - SyncMOS Technologies,Inc

부품명 SM89516
상세설명  8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SYNCMOS [SyncMOS Technologies,Inc]
홈페이지  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89516 데이터시트(HTML) 1 Page - SyncMOS Technologies,Inc

  SM89516 Datasheet HTML 1Page - SyncMOS Technologies,Inc SM89516 Datasheet HTML 2Page - SyncMOS Technologies,Inc SM89516 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM89516 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM89516 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM89516 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM89516 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM89516 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM89516 Datasheet HTML 9Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SyncMOS Technologies International, Inc.
SM89516
8-Bits Micro-controller
With 64KB flash & 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
Ver 2.1 SM89516 08/2006
1
Product List
SM89516L25, 25MHz 64KB internal flash MCU
SM89516C25, 25MHz 64KB internal flash MCU
Description
The SM89516 series product is an 8-bit single chip micro
controller with 64KB flash & 1KB RAM embedded. It is a
derivative of the 8052 micro controller family. With its
hardware features and powerful instruction set, it’s straight
forward to make it a versatile and cost effective controller
for those applications which demand up to 32 I/O pins for
PDIP package or up to 36 I/O pins for PLCC/QFP package,
or applications which need up to 64KB memory either for
program or for data or mixed. To program the on-chip
flash memory, a commercial writer is available to do it in
parallel programming method.
Ordering Information
yymmv
SM89516ihhkL
yy: year, ww: month
v: version identifier{ , A, B,…}
i: process identifier {L=3.0V~3.6V,C=4.5V~ 5.5V}
hh: working clock in MHz {25}
k: package type postfix {as below table}
L:PB Free identifier
{No text is Non-PB Free,”P”is PB Free}
Postfix
Package
Pin / Pad
Configuration
Dimension
P
40L PDIP
Page 2
Page 16
J
44L PLCC
Page 2
Page 17
Q
44L QFP
Page 2
Page 18
Features
Working Voltage: 3.0V ~ 3.6V For L Version.
4.5V ~ 5.5V For C Version.
General 8052 family compatible
12 clocks per machine cycle
64K byte on chip program flash
1024 bytes data RAM
Three 16 bit Timers/Counters
Four 8-bit I/O ports for PDIP package
Four 8-bit I/O ports + one 4-bit I/O ports for
PLCC or QFP package
Full duplex serial channel
Bit operation instruction
Page free jumps
8-bit Unsigned Division
8-bit Unsigned Multiply
BCD arithmetic operation
Direct Addressing
Indirect Addressing
Nested Interrupt
Two priority level interrupts
A serial I/O port
Power save modes: Idle mode and Power
down mode
Code protection function
One watch dog timer (WDT)
Low EMI (inhibit ALE)
Taiwan
6F, No.10-2 Li- Hsin 1st Road ,
Science-based Industrial Park,
Hsinchu, Taiwan 30078
TEL: 886-3-567-1820
886-3-567-1880
FAX: 886-3-567-1891
886-3-567-1894


유사한 부품 번호 - SM89516

제조업체부품명데이터시트상세설명
logo
SyncMOS Technologies,In...
SM89516 SYNCMOS-SM89516 Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516AC25 SYNCMOS-SM89516AC25 Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516AC25 SYNCMOS-SM89516AC25 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
More results

유사한 설명 - SM89516

제조업체부품명데이터시트상세설명
logo
SyncMOS Technologies,In...
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A_06 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
SM89S16R1 SYNCMOS-SM89S16R1_06 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
SM89T16R1 SYNCMOS-SM89T16R1_06 Datasheet
845Kb / 35P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded
SM59264 SYNCMOS-SM59264_06 Datasheet
958Kb / 36P
   8-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com