전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHC86D 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 74AHC86D
상세설명  Quad 2-input EXCLUSIVE-OR gate
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC86D 데이터시트(HTML) 5 Page - NXP Semiconductors

  74AHC86D Datasheet HTML 1Page - NXP Semiconductors 74AHC86D Datasheet HTML 2Page - NXP Semiconductors 74AHC86D Datasheet HTML 3Page - NXP Semiconductors 74AHC86D Datasheet HTML 4Page - NXP Semiconductors 74AHC86D Datasheet HTML 5Page - NXP Semiconductors 74AHC86D Datasheet HTML 6Page - NXP Semiconductors 74AHC86D Datasheet HTML 7Page - NXP Semiconductors 74AHC86D Datasheet HTML 8Page - NXP Semiconductors 74AHC86D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
74AHC_AHCT86_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 15 November 2007
5 of 14
NXP Semiconductors
74AHC86; 74AHCT86
Quad 2-input EXCLUSIVE-OR gate
9.
Static characteristics
Table 6.
Static characteristics
Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
For type 74AHC86
VIH
HIGH-level
input voltage
VCC = 2.0 V
1.5
-
-
1.5
-
1.5
-
V
VCC = 3.0 V
2.1
-
-
2.1
-
2.1
-
V
VCC = 5.5 V
3.85
-
-
3.85
-
3.85
-
V
VIL
LOW-level
input voltage
VCC = 2.0 V
-
-
0.5
-
0.5
-
0.5
V
VCC = 3.0 V
-
-
0.9
-
0.9
-
0.9
V
VCC = 5.5 V
-
-
1.65
-
1.65
-
1.65
V
VOH
HIGH-level
output voltage
VI = VIH or VIL
IO = −50 µA; VCC = 2.0 V
1.9
2.0
-
1.9
-
1.9
-
V
IO = −50 µA; VCC = 3.0 V
2.9
3.0
-
2.9
-
2.9
-
V
IO = −50 µA; VCC = 4.5 V
4.4
4.5
-
4.4
-
4.4
-
V
IO = −4.0 mA; VCC = 3.0 V
2.58
-
-
2.48
-
2.40
-
V
IO = −8.0 mA; VCC = 4.5 V
3.94
-
-
3.8
-
3.70
-
V
VOL
LOW-level
output voltage
VI = VIH or VIL
IO = 50 µA; VCC = 2.0 V
-
0
0.1
-
0.1
-
0.1
V
IO = 50 µA; VCC = 3.0 V
-
0
0.1
-
0.1
-
0.1
V
IO = 50 µA; VCC = 4.5 V
-
0
0.1
-
0.1
-
0.1
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.36
-
0.44
-
0.55
V
IO = 8.0 mA; VCC = 4.5 V
-
-
0.36
-
0.44
-
0.55
V
II
input leakage
current
VI = 5.5 V or GND; VCC =0V
to 5.5 V
-
-
0.1
-
1.0
-
2.0
µA
ICC
supply current VI =VCC or GND; IO = 0 A;
VCC = 5.5 V
-
-
2.0
-
20
-
40
µA
CI
input
capacitance
-
3.0
10
-
10
-
10
pF
CO
output
capacitance
-
4.0
-
-
-
-
-
pF
For type 74AHCT86
VIH
HIGH-level
input voltage
VCC = 4.5 V to 5.5 V
2.0
-
-
2.0
-
2.0
-
V
VIL
LOW-level
input voltage
VCC = 4.5 V to 5.5 V
-
-
0.8
-
0.8
-
0.8
V
VOH
HIGH-level
output voltage
VI = VIH or VIL; VCC = 4.5 V
IO = −50 µA
4.4
4.5
-
4.4
-
4.4
-
V
IO = −8.0 mA
3.94
-
-
3.8
-
3.70
-
V
VOL
LOW-level
output voltage
VI = VIH or VIL; VCC = 4.5 V
IO = 50 µA
-
0
0.1
-
0.1
-
0.1
V
IO = 8.0 mA
-
-
0.36
-
0.44
-
0.55
V


유사한 부품 번호 - 74AHC86D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHC86D PHILIPS-74AHC86D Datasheet
75Kb / 16P
   Quad 2-input EXCLUSIVE-OR gate
1999 Sep 17
logo
Nexperia B.V. All right...
74AHC86D NEXPERIA-74AHC86D Datasheet
235Kb / 14P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 5 June 2020
74AHC86D-Q100 NEXPERIA-74AHC86D-Q100 Datasheet
705Kb / 15P
   Automotive product qualification in accordance with AEC-Q100
More results

유사한 설명 - 74AHC86D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LV86 NXP-74LV86 Datasheet
96Kb / 15P
   Quad 2-input exclusive-OR gate
Rev. 03-27 November 2007
logo
Fairchild Semiconductor
74AC86PC FAIRCHILD-74AC86PC Datasheet
98Kb / 7P
   Quad 2-Input Exclusive-OR Gate
logo
Motorola, Inc
SN54LS386 MOTOROLA-SN54LS386 Datasheet
120Kb / 4P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
logo
NXP Semiconductors
74HC86 PHILIPS-74HC86 Datasheet
34Kb / 6P
   Quad 2-input EXCLUSIVE-OR gate
December 1990
logo
Fairchild Semiconductor
DM74LS86 FAIRCHILD-DM74LS86 Datasheet
61Kb / 5P
   Quad 2-Input Exclusive-OR Gate
logo
Unisonic Technologies
U74LVC86A UTC-U74LVC86A_15 Datasheet
200Kb / 6P
   QUAD 2-INPUT EXCLUSIVE OR GATE
logo
Nexperia B.V. All right...
74HCT86-Q100 NEXPERIA-74HCT86-Q100 Datasheet
226Kb / 12P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 10 March 2021
logo
NXP Semiconductors
74LV86 PHILIPS-74LV86 Datasheet
103Kb / 10P
   Quad 2-input EXCLUSIVE-OR gate
1998 Apr 20
logo
System Logic Semiconduc...
SL74LS86 SLS-SL74LS86 Datasheet
29Kb / 3P
   Quad 2-Input Exclusive OR Gate
logo
Fairchild Semiconductor
MM74HC86 FAIRCHILD-MM74HC86 Datasheet
81Kb / 7P
   Quad 2-Input Exclusive OR Gate
logo
Hitachi Semiconductor
HD74AC86 HITACHI-HD74AC86 Datasheet
43Kb / 7P
   Quad 2-Input Exclusive-OR-Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com