전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHCT86PW 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 74AHCT86PW
상세설명  Quad 2-input EXCLUSIVE-OR gate
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT86PW 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button 74AHCT86PW Datasheet HTML 2Page - NXP Semiconductors 74AHCT86PW Datasheet HTML 3Page - NXP Semiconductors 74AHCT86PW Datasheet HTML 4Page - NXP Semiconductors 74AHCT86PW Datasheet HTML 5Page - NXP Semiconductors 74AHCT86PW Datasheet HTML 6Page - NXP Semiconductors 74AHCT86PW Datasheet HTML 7Page - NXP Semiconductors 74AHCT86PW Datasheet HTML 8Page - NXP Semiconductors 74AHCT86PW Datasheet HTML 9Page - NXP Semiconductors 74AHCT86PW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
74AHC_AHCT86_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 15 November 2007
6 of 14
NXP Semiconductors
74AHC86; 74AHCT86
Quad 2-input EXCLUSIVE-OR gate
10. Dynamic characteristics
II
input leakage
current
VI = 5.5 V or GND; VCC =0V
to 5.5 V
-
-
0.1
-
1.0
-
2.0
µA
ICC
supply current VI =VCC or GND; IO = 0 A;
VCC = 5.5 V
-
-
2.0
-
20
-
40
µA
∆ICC
additional
supply current
per input pin;
VI =VCC − 2.1 V; IO = 0 A;
other pins at VCC or GND;
VCC = 4.5 V to 5.5 V
-
-
1.35
-
1.5
-
1.5
mA
CI
input
capacitance
-
3
10
-
10
-
10
pF
CO
output
capacitance
-
4.0
-
-
-
-
-
pF
Table 6.
Static characteristics …continued
Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
Table 7.
Dynamic characteristics
GND = 0 V; For test circuit see Figure 7.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ[1] Max
Min
Max
Min
Max
For type 74AHC86
tpd
propagation
delay
nA, nB to nY; see Figure 6
[2]
VCC = 3.0 V to 3.6 V
CL = 15 pF
-
4.8
11.0
1.0
13.0
1.0
14.0
ns
CL = 50 pF
-
6.8
14.5
1.0
16.5
1.0
18.5
ns
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
3.4
6.8
1.0
8.0
1.0
8.5
ns
CL = 50 pF
4.8
8.8
1.0
10.0
1.0
11.0
ns
CPD
power
dissipation
capacitance
CL = 50 pF; fi = 1 MHz;
VI = GND to VCC
[3]
-
10.0
-
-
-
-
-
pF


유사한 부품 번호 - 74AHCT86PW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHCT86PW PHILIPS-74AHCT86PW Datasheet
75Kb / 16P
   Quad 2-input EXCLUSIVE-OR gate
1999 Sep 17
logo
Nexperia B.V. All right...
74AHCT86PW NEXPERIA-74AHCT86PW Datasheet
235Kb / 14P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 5 June 2020
74AHCT86PW-Q100 NEXPERIA-74AHCT86PW-Q100 Datasheet
705Kb / 15P
   Automotive product qualification in accordance with AEC-Q100
logo
NXP Semiconductors
74AHCT86PWDH PHILIPS-74AHCT86PWDH Datasheet
75Kb / 16P
   Quad 2-input EXCLUSIVE-OR gate
1999 Sep 17
More results

유사한 설명 - 74AHCT86PW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LV86 NXP-74LV86 Datasheet
96Kb / 15P
   Quad 2-input exclusive-OR gate
Rev. 03-27 November 2007
logo
Fairchild Semiconductor
74AC86PC FAIRCHILD-74AC86PC Datasheet
98Kb / 7P
   Quad 2-Input Exclusive-OR Gate
logo
Motorola, Inc
SN54LS386 MOTOROLA-SN54LS386 Datasheet
120Kb / 4P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
logo
NXP Semiconductors
74HC86 PHILIPS-74HC86 Datasheet
34Kb / 6P
   Quad 2-input EXCLUSIVE-OR gate
December 1990
logo
Fairchild Semiconductor
DM74LS86 FAIRCHILD-DM74LS86 Datasheet
61Kb / 5P
   Quad 2-Input Exclusive-OR Gate
logo
Unisonic Technologies
U74LVC86A UTC-U74LVC86A_15 Datasheet
200Kb / 6P
   QUAD 2-INPUT EXCLUSIVE OR GATE
logo
Nexperia B.V. All right...
74HCT86-Q100 NEXPERIA-74HCT86-Q100 Datasheet
226Kb / 12P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 10 March 2021
logo
NXP Semiconductors
74LV86 PHILIPS-74LV86 Datasheet
103Kb / 10P
   Quad 2-input EXCLUSIVE-OR gate
1998 Apr 20
logo
System Logic Semiconduc...
SL74LS86 SLS-SL74LS86 Datasheet
29Kb / 3P
   Quad 2-Input Exclusive OR Gate
logo
Fairchild Semiconductor
MM74HC86 FAIRCHILD-MM74HC86 Datasheet
81Kb / 7P
   Quad 2-Input Exclusive OR Gate
logo
Hitachi Semiconductor
HD74AC86 HITACHI-HD74AC86 Datasheet
43Kb / 7P
   Quad 2-Input Exclusive-OR-Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com