전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA201-800B 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 BTA201-800B
상세설명  1 A Three-quadrant triacs high commutation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA201-800B 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button BTA201-800B Datasheet HTML 4Page - NXP Semiconductors BTA201-800B Datasheet HTML 5Page - NXP Semiconductors BTA201-800B Datasheet HTML 6Page - NXP Semiconductors BTA201-800B Datasheet HTML 7Page - NXP Semiconductors BTA201-800B Datasheet HTML 8Page - NXP Semiconductors BTA201-800B Datasheet HTML 9Page - NXP Semiconductors BTA201-800B Datasheet HTML 10Page - NXP Semiconductors BTA201-800B Datasheet HTML 11Page - NXP Semiconductors BTA201-800B Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
BTA201_SER_B_E_ER_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 10 September 2007
10 of 12
NXP Semiconductors
BTA201 series B, E and ER
1 A Three-quadrant triacs high commutation
9.
Revision history
Table 7.
Revision history
Document ID
Release date
Data sheet status
Change notice Supersedes
BTA201_SER_B_E_ER_3
20070910
Product data sheet
-
BTA201_SER_B_E_ER_2
Modifications:
The format of this data sheet has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
Legal texts have been adapted to the new company name where appropriate.
Descriptive titles have been corrected.
• Table 3 “Limiting values” on page 2: dIT/dt uprated.
• Table 6 “Dynamic characteristics” on page 7: dVD/dt uprated.
• Figure 12 “Critical rate of rise of off-state voltage as a function of junction temperature;
minimum values” on page 8: graph updated.
BTA201_SER_B_E_ER_2
20060113
Product data sheet
-
BTA201_SER_B_E_ER_1
Modifications:
Figure 4: Figure note corrected
Table 6 “Dynamic characteristics” on page 7: Units corrected
Figure 12: Figure title corrected
BTA201_SER_B_E_ER_1
(9397 750 15154)
20050825
Product data sheet
-
-


유사한 부품 번호 - BTA201-800B

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BTA201-800B PHILIPS-BTA201-800B Datasheet
72Kb / 12P
   Triacs logic level
Rev. 02-13 January 2006
BTA201-800B NXP-BTA201-800B Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 04-4 February 2008
logo
WeEn Semiconductors
BTA201-800B WEEN-BTA201-800B Datasheet
267Kb / 13P
   3Q Hi-Com Triac
More results

유사한 설명 - BTA201-800B

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BTA201W NXP-BTA201W Datasheet
80Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 02-17 September 2007
BTA201 NXP-BTA201_08 Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 04-4 February 2008
BTA201W NXP-BTA201W_08 Datasheet
88Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 03-13 March 2008
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA316-600D NXP-BTA316-600D Datasheet
92Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01-18 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com