전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA201W-800E 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 BTA201W-800E
상세설명  1 A Three-quadrant triacs high commutation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA201W-800E 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button BTA201W-800E Datasheet HTML 2Page - NXP Semiconductors BTA201W-800E Datasheet HTML 3Page - NXP Semiconductors BTA201W-800E Datasheet HTML 4Page - NXP Semiconductors BTA201W-800E Datasheet HTML 5Page - NXP Semiconductors BTA201W-800E Datasheet HTML 6Page - NXP Semiconductors BTA201W-800E Datasheet HTML 7Page - NXP Semiconductors BTA201W-800E Datasheet HTML 8Page - NXP Semiconductors BTA201W-800E Datasheet HTML 9Page - NXP Semiconductors BTA201W-800E Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
BTA201W_SER_E_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 17 September 2007
6 of 13
NXP Semiconductors
BTA201W series E
1 A Three-quadrant triacs high commutation
6.
Static characteristics
Table 5.
Static characteristics
Tj =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
BTA201W-600E and BTA201W-800E
IGT
gate trigger current
VD = 12 V; IT = 0.1 A; see Figure 8
T2+ G+
-
-
10
mA
T2+ G
--10
mA
T2
− G−
--10
mA
IL
latching current
VD = 12 V; IGT = 0.1 A; see Figure 10
T2+ G+
-
-
12
mA
T2+ G
--20
mA
T2
− G−
--12
mA
IH
holding current
VD = 12 V; IGT = 0.1 A; see Figure 11
--12
mA
VT
on-state voltage
IT = 1.4 A; see Figure 9
-
1.2
1.5
V
VGT
gate trigger voltage
VD = 12 V; IT = 0.1 A; see Figure 7
-
0.7
1.5
V
VD = 400 V; IT = 0.1 A; Tj = 125 °C
0.2
0.3
-
V
ID
off-state current
VD =VDRM(max); Tj = 125 °C
-
0.1
0.5
mA


유사한 부품 번호 - BTA201W-800E

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BTA201W-800E NXP-BTA201W-800E Datasheet
88Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 03-13 March 2008
logo
WeEn Semiconductors
BTA201W-800E WEEN-BTA201W-800E Datasheet
225Kb / 16P
   3Q Hi-Com triac
More results

유사한 설명 - BTA201W-800E

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BTA201 NXP-BTA201 Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 03-10 September 2007
BTA201 NXP-BTA201_08 Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 04-4 February 2008
BTA201W NXP-BTA201W_08 Datasheet
88Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 03-13 March 2008
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA316-600D NXP-BTA316-600D Datasheet
92Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01-18 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com